Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS01-24D05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # SDS01-24D05W
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS01-24D05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  SDS01-24D05W Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS01-24D05W Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS01-24D05W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/07/31
SDS01W
SDH01W
SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 1.08WATTS
FEATURES
APPLICATIONS
ULTRA SMALL SMD AND DIP PACKAGE, 0.52 x 0.36x 0.40 INCH WITH REGULATED
SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS
ACCORDING IPC J-STD-020D
NO MINIMUM LOAD REQUIRED
CONTINUOUS SHORT CIRCUIT PROTECTION
1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
3000VDC
ISOLATION
1600VDC
ISOLATION
REMOTE
CONTROL
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
SDS(H)01-12S3P3W
4.5 ~ 18
3.3
300
15
77
1680
SDS(H)01-12S05W
4.5 ~ 18
5
200
20
79
820
SDS(H)01-12S12W
4.5 ~ 18
12
90
20
81
470
SDS(H)01-12S15W
4.5 ~ 18
15
70
20
81
330
SDS(H)01-12S24W
4.5 ~ 18
24
45
25
80
160
SDS(H)01-12D05W
4.5 ~ 18
±5
±100
25
77
±470
SDS(H)01-12D12W
4.5 ~ 18
±12
±45
25
80
±330
SDS(H)01-12D15W
4.5 ~ 18
±15
±35
25
81
±220
SDS(H)01-24S3P3W
9 ~ 36
3.3
300
10
76
1680
SDS(H)01-24S05W
9 ~ 36
5
200
10
78
820
SDS(H)01-24S12W
9 ~ 36
12
90
10
81
470
SDS(H)01-24S15W
9 ~ 36
15
70
10
81
330
SDS(H)01-24S24W
9 ~ 36
24
45
10
80
160
SDS(H)01-24D05W
9 ~ 36
±5
±100
10
77
±470
SDS(H)01-24D12W
9 ~ 36
±12
±45
10
80
±330
SDS(H)01-24D15W
9 ~ 36
±15
±35
10
81
±220
SDS(H)01-48S3P3W
18 ~ 75
3.3
300
5
75
1680
SDS(H)01-48S05W
18 ~ 75
5
200
5
78
820
SDS(H)01-48S12W
18 ~ 75
12
90
5
81
470
SDS(H)01-48S15W
18 ~ 75
15
70
6
81
330
SDS(H)01-48S24W
18 ~ 75
24
45
6
80
160
SDS(H)01-48D05W
18 ~ 75
±5
±100
6
77
±470
SDS(H)01-48D12W
18 ~ 75
±12
±45
6
80
±330
SDS(H)01-48D15W
18 ~ 75
±15
±35
6
81
±220
PART NUMBER STRUCTURE
SDS01 - 48
S
05 W
H
Series Name
Input
Output
Output
Input
Isolation
Voltage
Quantity
Voltage
Range
Option
(VDC)
(VDC)
SDS: SMD type
12: 4.5~18 S:Single 3P3:3.3
4:1
: 1600VDC Isolation
SDH: DIP type
24: 9~36
05:5
H: 3000VDC Isolation
48:18~75
12:12
15:15
24:24
D:Dual
05:±5
12:±12
15:±15


Similar Part No. - SDS01-24D05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS01-24D05W P-DUKE-SDS01-24D05W Datasheet
654Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - SDS01-24D05W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com