Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7351 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV7351
Description  Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7351 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV7351 Datasheet HTML 4Page - Supertex, Inc HV7351 Datasheet HTML 5Page - Supertex, Inc HV7351 Datasheet HTML 6Page - Supertex, Inc HV7351 Datasheet HTML 7Page - Supertex, Inc HV7351 Datasheet HTML 8Page - Supertex, Inc HV7351 Datasheet HTML 9Page - Supertex, Inc HV7351 Datasheet HTML 10Page - Supertex, Inc HV7351 Datasheet HTML 11Page - Supertex, Inc HV7351 Datasheet HTML 12Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
HV7351
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7351
NR050213
Block Diagram
INV
EN/LD
CW
CLK
16/32 bit
Serial
Shift Reg.
INV
EN/LD
CW
CLK
16/32 bit
Serial
Shift Reg.
INV
EN/LD
CW
CLK
16/32 bit
Serial
Shift Reg.
INV
EN/LD
CW
CLK
16/32 bit
Serial
Shift Reg.
Divide
by 2
6-bit Counter
Divide by N
N = 1 to 64
Linear
Regulator
Linear
Regulator
EN
EN
10-bit Delay
Counter
Divide
by 2
V
LL to VDD
Translator
-
+
PGND
PGND
V
PF
V
PF
V
NF
V
NF
PV
SS
PV
DD
PV
SS
PV
DD
VPP
VPF
VRN
VRP
VNF
VNN
VPP
Tx1
VNN
PGND
PVDD
PVSS
VPP
Tx8
VNN
PGND
CW
f
CW
PIN
NIN
Control
Logic
CW
f
CW
PIN
NIN
Control
Logic
RTZ GATE Driver
Supply Voltages
6-bit Counter
Divide by N
N = 1 to 64
EN
EN
10-bit Delay
Counter
8 10-bit Registers
for Delay Counters
6-bit for
Divide by N
16/32-bit Register
Pattern 4
16/32-bit Register
Pattern 3
16/32-bit Register
Pattern 2
16/32-bit Register
Pattern 1
16/32-bit Register
Pattern 4
16/32-bit Register
Pattern 3
16/32-bit Register
Pattern 2
16/32-bit Register
Pattern 1
P-ch Registers
N-ch Registers
V
PF
V
RN
V
PP
V
NF
V
NN
V
RP
VLL
AVDD
DVDD
EN
SIZE
CS1
SCK
D
IN1
D
OUT1
A0
A1
D
IN2
D
OUT2
CS2
CW
INV
TRIG
TCK
TCK
DGND
AGND
VSUB


Similar Part No. - HV7351

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7351 MICROCHIP-HV7351 Datasheet
304Kb / 26P
   8-Channel, 짹70V, 3A Programmable High-Voltage
01/27/15
HV7351K6-G MICROCHIP-HV7351K6-G Datasheet
304Kb / 26P
   8-Channel, 짹70V, 3A Programmable High-Voltage
01/27/15
More results

Similar Description - HV7351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7355 SUTEX-HV7355_14 Datasheet
449Kb / 8P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com