Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR35L Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # AR35L
Description  High power capability Economical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

AR35L Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  AR35L Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech AR35L Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
High power capability
Economical
Avalanche voltage: 20 to 24 volts
Mechanical Data
Case: transfer molded plastic
Epoxy: UL94-0 rate flame ratardant
Technology vacuum soldered
Polarity: colour ring denotes cathode
Lead: Plated slug,
Solderable per MIL-STD-202E method 208C
Weigth: AR 1.80 grams, ARS 1.60 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols
Min.
Nominal
Max.
Units
Peak repetitive reverse voltage
VRRM
17
Volts
Working peak reverse voltage
VRWM
17
DC blocking voltage
VDC
17
Average rectified forward current at Tc
oC
Io
=125
35
Amps
Repetitive peak reverse surge current Tc
IRSM
=10msec duty cycle <1%
35
Amps
Breakdown voltage (VBR @ IR=100mA,Tc=25
oC)
VBR1
20
22
24
Volts
IR=90Amps,Tc=150
oC ,PW=80usec
VBR2
32
Forward voltage drop (VFWB) @ IF=100Amps < 300sec
VF
0.98
1.03
1.08
Volts
Peak forward surge current
IFSM
500
Amps
Reverse leakage (VR
c
oC
IR
=17VDC) T =25
0.2
1.0
2.0
uA
Operating and storage junction temperature range
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AR35L/ARS35L
AVALANCHE AUTOMOTIVE
DIODE
AVALANCHE VOLTAGE
20 TO 24 VOLTS
CURRENT 35AMPS
Dimensions in inches and millimeters
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.410(10.4)
.380( 9.7)
DIA
DIA
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.346(8.8)
.327(8.2)
DIA
DIA
AR
ARS


Similar Part No. - AR35L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
AR35 TSC-AR35 Datasheet
289Kb / 2P
   35.0 AMPS. High Current Button Rectifiers
logo
Lumins Inc.
AR35 LUMINIS-AR35 Datasheet
573Kb / 4P
   LED optical control silicone lens
logo
Broadcom Corporation.
AR35 BOARDCOM-AR35 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
EIC discrete Semiconduc...
AR3500 EIC-AR3500 Datasheet
17Kb / 2P
   AUTOMOTIVE RECTIFIER DIODES
logo
GOOD-ARK Electronics
AR3500 GOOD-ARK-AR3500 Datasheet
48Kb / 2P
   AUTOMOTIVE RECTIFIER
More results

Similar Description - AR35L

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
   High power capability Economical
logo
STMicroelectronics
STPTIC-68G2 STMICROELECTRONICS-STPTIC-68G2 Datasheet
471Kb / 11P
   High power capability
July 2015 Rev 1
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
PE20S0004 PASTERNACK-PE20S0004 Datasheet
461Kb / 6P
   High Power Handling Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com