Electronic Components Datasheet Search |
|
38706-8020 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
38706-8020 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 10/10/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 38706-8020 Status: Active Overview: Beau™ Barrier Strips Description: 8.26mm Pitch Beau™ PCB Terminal Strip, without Mounting Ends, Dual Level Terminal Block, 20 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family Terminal Blocks Series 38706 Application N/A Component Type One Piece Overview Beau™ Barrier Strips Product Name Fixed Mount Barrier Type Barrier Strip UPC 883906405441 Physical Circuits (Loaded) 20 Circuits (maximum) 20 Color - Resin Black Entry Angle N/A Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polysulfone Net Weight 45.359/g Number of Rows 2 Orientation Vertical PC Tail Length 3.56mm PCB Retention None PCB Thickness - Recommended 1.57mm Panel Mount No Pitch - Mating Interface 8.26mm Pitch - Termination Interface 8.26mm Polarized to Mating Part N/A Shrouded Dual-Barrier Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating 160°C Termination Interface: Style Through Hole Wire Size AWG 12, 14, 16, 18, 20, 22 Electrical Current - Maximum per Contact 20A Voltage - Maximum 300V Material Info Old Part Number 70D20-RC Reference - Drawing Numbers Sales Drawing SD-38706-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 38706Series |
Similar Part No. - 38706-8020 |
|
Similar Description - 38706-8020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |