Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC01 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 74HC01
Description  Quad. 2-input NAND Gates (with open drain outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC01 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  74HC01 Datasheet HTML 1Page - Hitachi Semiconductor 74HC01 Datasheet HTML 2Page - Hitachi Semiconductor 74HC01 Datasheet HTML 3Page - Hitachi Semiconductor 74HC01 Datasheet HTML 4Page - Hitachi Semiconductor 74HC01 Datasheet HTML 5Page - Hitachi Semiconductor 74HC01 Datasheet HTML 6Page - Hitachi Semiconductor 74HC01 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74HC01
2
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15
6.0
4.2
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35 —
1.35
6.0
1.8
1.8
Output voltage
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Off-state output
current
Io(off)
6.0
±0.5 —
±5.0 µA
Vin = V
IH or VIL,
Vout = V
CC or GND
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
1.0
10
µA
Vin = V
CC or GND, Iout = 0 µA
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
90
115
ns
time
4.5
11
18
23
6.0
15
20
t
PHL
2.0
90
112
ns
4.5
7
18
22
6.0
15
18
Output fall time
t
THL
2.0
75
95
ns
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Similar Part No. - 74HC01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC00 PHILIPS-74HC00 Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
74HC00 NXP-74HC00 Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HC00 PHILIPS-74HC00 Datasheet
98Kb / 17P
   Quad 2-input NAND gate
2003 Jun 30
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results

Similar Description - 74HC01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC01 RENESAS-HD74HC01 Datasheet
83Kb / 7P
   Quad. 2-input NAND Gates (with open drain outputs)
logo
Fairchild Semiconductor
DM74LS03 FAIRCHILD-DM74LS03 Datasheet
48Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM7403 FAIRCHILD-DM7403 Datasheet
35Kb / 3P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
National Semiconductor ...
DM7401 NSC-DM7401 Datasheet
97Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM5403 NSC-DM5403 Datasheet
93Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74HC09 HITACHI-HD74HC09 Datasheet
44Kb / 7P
   Quad. 2-input AND Gates (with open drain outputs)
logo
Renesas Technology Corp
HD74HC09 RENESAS-HD74HC09 Datasheet
90Kb / 7P
   Quad. 2-input AND Gates (with open drain outputs)
logo
Texas Instruments
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74HC03A ONSEMI-MC74HC03A Datasheet
151Kb / 8P
   Quad 2-Input NAND Gate with Open-Drain Outputs
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com