Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC114 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74HC114
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC114 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC114 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC114
Dual J-K Flip-Flops (with Preset, Common Clear and
Common Clock)
Description
This flip-flop is edge sensitive to the clock input and change state on the negative transition of the clock
pulse. each flip-flop has independent J, K and preset inputs and Q and
Q outputs. Two flip-flops are
controlled by a common clear and a common clock. Preset and clear are independent of the clock and
accomplished by a low logic level on the corresponding input.
Features
• High Speed Operation: t
pd (Clock to Q) = 18 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2 µA max (Ta = 25°C)


Similar Part No. - HD74HC114

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
   Triple 3-input AND Gates
logo
Renesas Technology Corp
HD74HC11 RENESAS-HD74HC11 Datasheet
84Kb / 7P
   Triple 3-input AND Gates
logo
Hitachi Semiconductor
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC112 RENESAS-HD74HC112 Datasheet
102Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC112FPEL RENESAS-HD74HC112FPEL Datasheet
102Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
More results

Similar Description - HD74HC114

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC78 HITACHI-HD74HC78 Datasheet
59Kb / 10P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
   Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
logo
Renesas Technology Corp
HD74LS78A RENESAS-HD74LS78A Datasheet
182Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock)
HD74HC78 RENESAS-HD74HC78 Datasheet
105Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC108 RENESAS-HD74HC108 Datasheet
87Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Hitachi Semiconductor
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com