Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACK-1953 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACK-1953
Description  LED MODIFIED LCD KIT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACK-1953 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACK-1953 Datasheet HTML 1Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED MODIFIED LCD KIT
Day/NVIS LED Backlit LCD and LED Drivers & Cables
GENERAL DESCRIPTION
THE ACK-1953 KIT
ACK-1953
KIT DATA SHEET PAGE 1 OF 1
3/9/11
QTY
Description
1
ACD-1946 Day/NVIS LED display
2
ACI-C120125-1764 I-Drive3 Day mode driver
1
ACI-C120033-1761 I-Drive3 NVIS mode driver
3
27-R0040 driver input cable ( I-Drive3)
The ACK-1953 kit consists of an LED enhanced 15
transflective LCD NEC NL10276BC30-18C XGA TFT
display. The system provides high brightness operation
yielding 2350 cd/m2 in direct sunlight. Additionally the
panel
provides
full
color
NVIS
operation
and
thermocouples for temperature monitoring. The kit
contains all the LED drivers and cables necessary for
immediate plug & play operation.
Performance at given brightness level
1250 cd/m2 with 22.5 watts LED power (Day)
14 cd/m2 with 3.0 watts LED power (NVIS)
+8 to +18V (PWR)
GND (PWR)
DAY ENABLE
ICNTL
+5VDC REF OUT
C
O
N
2
C
O
N
1
NC
+5VDC REF OUT
1,2,3
4,5,6
7
9,10,11
8
12
1
2, 3, 4
5
NC
ACR-1921
ACR-1941
ACD-1946
ACI-C120125-1764
C
O
N
2
C
O
N
1
NC
1,2,3
4,5,6
7
9,10,11
8
12
1
2, 3, 4
5
NC
ACI-C120125-1764
C
O
N
2
C
O
N
1
1
3
5
NC
ACI-C120033-1761
NC
1,2,3
4,5,6
7
9,10,11
8
12
+8 to +18V (PWR)
GND (PWR)
NVIS ENABLE
ICNTL
+5VDC REF OUT
TC1
TC2
397 Route 281
P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACK-1953

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
More results

Similar Description - ACK-1953

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-2131 ACIPOWER-ACK-2131 Datasheet
168Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2568 ACIPOWER-ACK-2568 Datasheet
190Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1911 ACIPOWER-ACK-1911 Datasheet
83Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1912 ACIPOWER-ACK-1912 Datasheet
84Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2035 ACIPOWER-ACK-2035 Datasheet
130Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2048 ACIPOWER-ACK-2048 Datasheet
168Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2228 ACIPOWER-ACK-2228 Datasheet
191Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2132 ACIPOWER-ACK-2132 Datasheet
168Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2182 ACIPOWER-ACK-2182 Datasheet
193Kb / 1P
   LED MODIFIED DISPLAY AND DRIVER KIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com