Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE6501077 Datasheet(PDF) 5 Page - NEC

Part # NE6501077
Description  10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE6501077 Datasheet(HTML) 5 Page - NEC

  NE6501077 Datasheet HTML 1Page - NEC NE6501077 Datasheet HTML 2Page - NEC NE6501077 Datasheet HTML 3Page - NEC NE6501077 Datasheet HTML 4Page - NEC NE6501077 Datasheet HTML 5Page - NEC NE6501077 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NE6501077
5
VDS = 10.0 V, IDS = 1 000 mA, VGS = –1.552 V, IG = 0.0 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.050
0.984
–76.4
18.696
140.1
0.006
23.7
0.812
–177.7
0.100
0.974
–115.7
12.798
120.5
0.006
28.6
0.840
–178.1
0.200
0.970
–146.6
7.261
103.2
0.007
22.0
0.857
179.6
0.300
0.962
–159.0
4.949
95.6
0.007
25.6
0.855
178.0
0.400
0.971
–166.4
3.794
90.1
0.008
25.9
0.862
176.4
0.500
0.969
–170.7
3.049
86.8
0.008
26.1
0.862
175.5
0.600
0.969
–174.6
2.561
83.2
0.009
27.6
0.861
174.1
0.700
0.974
–177.1
2.220
80.6
0.009
32.5
0.865
173.5
0.800
0.972
–179.5
1.969
77.9
0.010
34.1
0.873
172.9
0.900
0.973
178.4
1.751
75.4
0.010
34.6
0.859
171.3
1.000
0.968
176.0
1.582
72.4
0.010
35.5
0.856
169.9
1.100
0.977
174.5
1.460
70.0
0.011
34.6
0.860
169.1
1.200
0.971
172.5
1.349
67.5
0.012
37.1
0.856
167.9
1.300
0.977
170.7
1.264
64.9
0.013
38.0
0.860
167.0
1.400
0.971
169.1
1.179
62.5
0.013
38.8
0.855
166.0
1.500
0.976
167.4
1.124
60.1
0.015
39.7
0.865
165.1
1.600
0.973
166.0
1.060
57.5
0.015
39.5
0.854
163.5
1.700
0.967
164.5
1.007
55.4
0.015
39.8
0.850
162.8
1.800
0.965
162.5
0.964
52.5
0.016
41.6
0.851
161.4
1.900
0.971
161.2
0.934
50.0
0.017
42.5
0.860
160.0
2.000
0.968
159.7
0.894
47.6
0.018
41.5
0.850
158.7
2.100
0.972
158.5
0.870
45.6
0.020
41.5
0.854
157.8
2.200
0.960
156.8
0.835
43.0
0.021
41.0
0.843
156.3
2.300
0.965
154.7
0.818
39.8
0.021
39.9
0.847
154.4
2.400
0.962
153.2
0.794
37.6
0.023
38.7
0.846
153.3
2.500
0.962
151.5
0.778
35.0
0.024
37.5
0.850
151.7
2.600
0.958
149.9
0.760
32.5
0.026
35.8
0.847
150.3
2.700
0.962
148.1
0.747
30.0
0.027
33.4
0.846
148.8
2.800
0.957
146.4
0.729
27.2
0.028
33.4
0.844
147.0
2.900
0.961
144.8
0.721
24.7
0.030
32.1
0.845
145.9
3.000
0.952
143.1
0.705
21.8
0.031
29.5
0.836
144.3
3.100
0.954
141.1
0.702
18.9
0.033
28.5
0.838
142.4
3.200
0.954
139.4
0.694
16.3
0.035
25.7
0.834
141.1
3.300
0.955
137.8
0.688
13.9
0.036
24.7
0.834
139.9
3.400
0.951
136.2
0.680
11.4
0.038
24.0
0.828
138.5
3.500
0.953
134.7
0.674
8.7
0.039
21.3
0.825
137.3
3.600
0.952
132.5
0.671
5.4
0.041
19.8
0.822
135.7
3.700
0.958
130.9
0.672
2.8
0.045
17.4
0.823
134.6
3.800
0.954
128.9
0.671
–0.3
0.047
14.3
0.814
133.0
3.900
0.957
127.1
0.674
–2.8
0.048
12.5
0.809
131.6
4.000
0.954
125.2
0.673
–5.5
0.051
12.0
0.800
130.4


Similar Part No. - NE6501077

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
logo
Renesas Technology Corp
NE6501077 RENESAS-NE6501077 Datasheet
196Kb / 8P
   GaAs MES FET
1996
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
More results

Similar Description - NE6501077

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
   0.4 W L, S-BAND POWER GaAs MES FET
NE650R279A NEC-NE650R279A Datasheet
77Kb / 8P
   0.2 W L, S-BAND POWER GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com