Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST2 Datasheet(PDF) 1 Page - Rohm

Part # QST2
Description  General purpose amplification (-12V, -3A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QST2 Datasheet(HTML) 1 Page - Rohm

  QST2 Datasheet HTML 1Page - Rohm QST2 Datasheet HTML 2Page - Rohm QST2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QST2
Transistors
Rev.B
1/2
General purpose amplification (
−12V, −3A)
QST2
Application
Low frequency amplifier
Driver
Features
1) Collector current is large.
2) Collector saturation voltage is low.
VCE(sat)
−250mV
at IC = −3A / IB = −60mA
External dimensions (Unit : mm)
1.6
2.8
Each lead has same dimensions
Abbreviated symbol : T02
ROHM : TSMT6
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−15
−12
−6
−6
500
150
−55 to +150
−10
1
Unit
V
V
V
A
A
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
2
1.25
W ∗3
1 Single pulse, Pw=1ms
2 Each Terminal Mounted on a Recommended
3 Mounted on a 25mm×25mm× 0.8mm Ceramic substrate
t
Equivalent circuit
6pin
5pin
4pin
1pin
2pin
3pin
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
= −10V, IE=0A, f=1MHz
Transition frequency
fT
250
MHz
VCE
= −2V, IE=500mA, f=100MHz
BVCBO
−15
−−
V
IC
= −10µA
Collector-emitter breakdown voltage
BVCEO
−12
−−
V
IC
= −1mA
Collector-base breakdown voltage
BVEBO
−6
−−
V
IE
= −10µA
Emitter-base breakdown voltage
ICBO
−−
−100
nA
VCB
= −15V
Collector cutoff current
IEBO
−−
−100
nA
VEB
= −6V
Emitter cutoff current
VCE(sat)
−−120
−250
mV
IC
= −3A, IB= −60mA
Collector-emitter saturation voltage
hFE
270
680
VCE
= −2V, IC= −500mA
DC current gain
Cob
80
pF
Corrector output capacitance
Pulsed


Similar Part No. - QST2

ManufacturerPart #DatasheetDescription
logo
Rohm
QST2 ROHM-QST2 Datasheet
68Kb / 3P
   General purpose amplification (−12V, −3A)
More results

Similar Description - QST2

ManufacturerPart #DatasheetDescription
logo
Rohm
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
   General purpose amplification (12V, 1.5A)
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
   General purpose amplification (-12V, -1.5A)
2SD2702 ROHM-2SD2702 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
   General purpose amplification (-12V, -2A)
US6X7 ROHM-US6X7_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7 Datasheet
68Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2702 ROHM-2SD2702_1 Datasheet
75Kb / 3P
   General purpose amplification (12V, 1.5A)
2SD2674 ROHM-2SD2674 Datasheet
70Kb / 3P
   General purpose amplification (12V, 1.5A)
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
   General purpose amplification(-12V, -2A)
2SB1690 ROHM-2SB1690 Datasheet
75Kb / 3P
   General purpose amplification(-12V, -2A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com