Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE650R279A Datasheet(PDF) 3 Page - NEC

Part # NE650R279A
Description  0.2 W L, S-BAND POWER GaAs MES FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE650R279A Datasheet(HTML) 3 Page - NEC

  NE650R279A Datasheet HTML 1Page - NEC NE650R279A Datasheet HTML 2Page - NEC NE650R279A Datasheet HTML 3Page - NEC NE650R279A Datasheet HTML 4Page - NEC NE650R279A Datasheet HTML 5Page - NEC NE650R279A Datasheet HTML 6Page - NEC NE650R279A Datasheet HTML 7Page - NEC NE650R279A Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Data Sheet
3
NE650R279A
NE650R279A S-PARAMETERS TEST CONDITIONS: VDS = 6.0 V, IDset = 50 mA (Preliminary Data)
S11
S21
S12
S22
freq. (MHz)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
1400
0.865
–103.4
5.788
133.2
0.070
53.2
0.403
–73.5
1500
0.861
–108.0
5.593
131.9
0.072
51.5
0.397
–76.7
1600
0.850
–112.1
5.439
130.8
0.073
51.1
0.392
–79.2
1700
0.839
–116.0
5.182
129.1
0.075
50.9
0.387
–82.1
1800
0.833
–120.5
5.026
129.1
0.078
50.6
0.382
–84.9
1900
0.827
–124.9
4.992
128.4
0.081
49.2
0.376
–87.5
2000
0.817
–129.4
4.888
125.6
0.082
47.2
0.368
–90.2
2100
0.809
–133.1
4.739
124.9
0.082
45.8
0.360
–93.0
2200
0.806
–137.7
4.628
123.6
0.081
45.6
0.349
–95.7
2300
0.795
–143.0
4.518
121.8
0.081
46.2
0.336
–98.5
2400
0.789
–148.3
4.403
119.9
0.083
46.5
0.325
–101.6
2500
0.781
–153.4
4.383
118.2
0.086
46.0
0.311
–104.9
2600
0.778
–157.5
4.348
116.6
0.087
44.3
0.300
–107.6
2700
0.779
–162.9
4.065
115.8
0.087
42.7
0.288
–110.5
2800
0.778
–167.0
3.910
113.8
0.085
42.2
0.276
–113.5
2900
0.778
–172.1
3.763
113.1
0.084
42.1
0.264
–117.3
3000
0.781
–176.7
3.632
112.8
0.083
41.4
0.256
–121.0


Similar Part No. - NE650R279A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE650R279A RENESAS-NE650R279A Datasheet
212Kb / 10P
   N-CHANNEL GaAs MES FET
1998
NE650R279A-T1 RENESAS-NE650R279A-T1 Datasheet
212Kb / 10P
   N-CHANNEL GaAs MES FET
1998
More results

Similar Description - NE650R279A

ManufacturerPart #DatasheetDescription
logo
NEC
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
   0.4 W L, S-BAND POWER GaAs MES FET
NE960R2 NEC-NE960R2 Datasheet
62Kb / 12P
   0.2 W X, Ku-BAND POWER GaAs MES FET
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
   140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
   45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
   30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
   50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com