Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP20T15GI-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP20T15GI-HF
Description  Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP20T15GI-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP20T15GI-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP20T15GI-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP20T15GI-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP20T15GI-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AP20T15GI-HF
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
150V
▼ Lower On-resistance
RDS(ON)
70mΩ
▼ Fast Switching Characteristic
ID
22.2A
▼ Halogen Free & RoHS Compliant Product
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
4
/W
Rthj-a
65
/W
Data and specifications subject to change without notice
Maximum Thermal Resistance, Junction-ambient
Halogen-Free Product
201309272
1
Parameter
Rating
Drain-Source Voltage
150
Gate-Source Voltage
+20
Continuous Drain Current, VGS @ 10V
3
22.2
Continuous Drain Current, VGS @ 10V
3
14
Pulsed Drain Current
1
60
Total Power Dissipation
31.3
-55 to 150
Operating Junction Temperature Range
-55 to 150
Total Power Dissipation
1.92
Thermal Data
Parameter
Storage Temperature Range
G
D
S
AP20T15 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-220CFM package is widely preferred for all commercial-
industrial through hole applications. The mold compound provides
a high isolation voltage capability and low thermal resistance
between the tab and the external heat-sink
G
D
S
TO-220CFM(I)


Similar Part No. - AP20T15GI-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP20T15GI-HF A-POWER-AP20T15GI-HF_16 Datasheet
103Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP20T15GI-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com