Electronic Components Datasheet Search |
|
AP25N10GH-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp. |
|
AP25N10GH-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp. |
1 / 4 page Advanced Power N-CHANNEL ENHANCEMENT MODE Electronics Corp. POWER MOSFET ▼ Low Gate Charge BVDSS 100V ▼ Single Drive Requirement RDS(ON) 80mΩ ▼ RoHS Compliant & Halogen-Free ID 23A Description Absolute Maximum Ratings Symbol Units VDS V VGS V ID@TC=25℃ A ID@TC=100℃ A IDM A PD@TC=25℃ W W/℃ TSTG ℃ TJ ℃ Symbol Value Units Rthj-c Maximum Thermal Resistance, Junction-case 1.3 ℃ /W Rthj-a 62.5 ℃ /W Rthj-a Maximum Thermal Resistance, Junction-ambient 110 ℃ /W Data and specifications subject to change without notice Thermal Data Parameter Storage Temperature Range Operating Junction Temperature Range -55 to 150 Linear Derating Factor 0.77 Pulsed Drain Current 1 80 Total Power Dissipation 96 Continuous Drain Current, VGS @ 10V 23 Continuous Drain Current, VGS @ 10V 14.6 Drain-Source Voltage 100 Gate-Source Voltage +20 AP25N10GH/J-HF Parameter Rating 200906163 Halogen-Free Product 1 -55 to 150 Maximum Thermal Resistance, Junction-ambient (PCB mount) 3 Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost- effectiveness. G D S The TO-252 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. The through-hole version (AP25N10GJ) are available for low-profile applications. G D S TO-251(J) G D S TO-252(H) |
Similar Part No. - AP25N10GH-HF_14 |
|
Similar Description - AP25N10GH-HF_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |