Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP40G120W Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP40G120W
Description  Advanced IGBT Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP40G120W Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP40G120W_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP40G120W_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP40G120W_14 Datasheet HTML 3Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Saturation Voltage
Fig 4. Typical Collector- Emitter Voltage
Characteristics
v.s. Junction Temperature
Fig 5. Gate Threshold Voltage
Fig 6. Typical Capacitance Characterisitics
v.s. Junction Temperature
2
AP40G120W
0
40
80
120
160
036
9
12
V CE , Collector-Emitter Voltage (V)
20V
18V
15V
12V
V GE =10V
1
2
3
4
5
6
0
40
80
120
160
Junction Temperature (
o C)
I C =80 A
I C =40A
V GE =15 V
0.5
0.8
1.1
1.4
-50
0
50
100
150
Junction Temperature (
o C )
T C =150
o C
0
20
40
60
80
100
120
140
160
024
68
V CE , Collector-Emitter Voltage (V)
V GE =15V
T C =25 ℃
1
100
10000
1
10
100
V CE , Collector-Emitter Voltage (V)
f=1.0MHz
C ies
C oes
C res
T C =150 ℃
0
50
100
150
200
250
300
03
69
12
V CE , Collector-Emitter Voltage (V)
20V
18V
15V
12V
V GE =10V
T C =25
o C


Similar Part No. - AP40G120W_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - AP40G120W_14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4055PBF IRF-IRGB4055PBF Datasheet
620Kb / 7P
   Advanced Trench IGBT Technology
IRG7RA13UPBF IRF-IRG7RA13UPBF Datasheet
259Kb / 8P
   Advanced Trench IGBT Technology
IRG6B330UDPBF IRF-IRG6B330UDPBF_15 Datasheet
275Kb / 7P
   Advanced Trench IGBT Technology
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com