Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV461 Datasheet(PDF) 11 Page - Supertex, Inc

Part # HV461
Description  Ring Generator Controller IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461 Datasheet(HTML) 11 Page - Supertex, Inc

Back Button HV461 Datasheet HTML 6Page - Supertex, Inc HV461 Datasheet HTML 7Page - Supertex, Inc HV461 Datasheet HTML 8Page - Supertex, Inc HV461 Datasheet HTML 9Page - Supertex, Inc HV461 Datasheet HTML 10Page - Supertex, Inc HV461 Datasheet HTML 11Page - Supertex, Inc HV461 Datasheet HTML 12Page - Supertex, Inc HV461 Datasheet HTML 13Page - Supertex, Inc HV461 Datasheet HTML 14Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
HV461
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Pin
Name
Description
1
DCREF3
See DCREF1 and DCREF2 (pins 47 & 48).
2
VREF1
Outputs a 1.25V nominal reference voltage. Bypass with a 100nF capacitor to ground.
3
VREF2
Outputs a 2.50V nominal reference voltage. Bypass with a 100nF capacitor to ground.
4
AVDD
Supply for the analog section. 3.0 to 3.6V Must be from the same source as DVDD. Bypass with
a 100nF capacitor to ground as close as possible to the IC.
5
TSYNC
An RC network connected to this pin determines the SYNC pulse lead time (see SYNC pin 14).
t
LEAD = 0.48RC If SYNC is not utilized, TSYNC must still have a connected RC network.
6
XTAL
A crystal from this pin to ground provides the frequency reference for the internal sine wave
synthesizer. A 19.6608MHz baud rate crystal provides the 8 most common ring frequencies. The
crystal is operated in the series mode. A loading capacitor is not necessary. See also FREQ0–2
(pins 21–23) and FRING (pin 7).
7
FRING
Ring frequency is normally selected from the 8 built-in frequencies using control inputs FREQ0–
2. Other arbitrary frequencies in the range of 12 to 63Hz may be obtained by applying an external
signal to FRING. This external signal sets the ring frequency at a 1:1 ratio. The ring signal
remains a sine wave, with amplitude and offset still controlled via AMPx and OFFx. The ring
signal, while frequency locked to the FRING signal, is not phase–synchronized to it. This allows
the ring signal to immediately start at 0º when enabled via ENABLE or AMP ≠ 00. When unused,
this input must be connected to VGD.
8
PLLFLT
Phase locked loop filter. An RC network connected to this pin stabilizes the PLL that locks on to
the optional external ring frequency signal. (See FRING, pin 7) The RC network determines the
lock time of the PLL. Due to the low frequencies involved, it may take a couple seconds to lock
to the external signal. See the typical application schematic for typical values. When unused, this
pin should be left unconnected.
9
ROSC
A resistor from this pin to VDD sets the PWM frequency. f
PWM ≈ 12.5GHzΩ / ROSC (valid for 20-
150kHz)
10
RESET
A capacitor from this pin to ground provides a power–on reset interval. It has an internal 10µA
pull–up to charge the external reset capacitor. Alternatively, an external logic–level or open–
drain signal may be applied to implement the reset function. During the reset interval when
V
RESET<1.325V, the ringer output is disabled regardless of the state of the ENABLE input, allowing
time for the host controller to assume control. Use a low leakage tantalum or ceramic capacitor.
t
RESET = 1.325V · CRESET / 10µA
11
PWMSYNC
This pin functions as both an input and an output. It is open–drain with an internal 100µA pull-
up. As an output, it provides a short, low-going pulse at the internal PWM frequency. As an
input, it synchronizes internal PWM frequency to the externally applied signal, provided the
external signal is at a higher frequency. The low-going applied sync pulse should be between
25ns and less than the PWM period in duration. The external source should be open drain. If
the PWMSYNC pins of multiple HV461s are tied together, their PWM frequencies will be phase-
locked to the HV461 with the highest free-running frequency. A maximum of 10 HV461s may be
tied together. If unused, this pin should be left unconnected.
12
CFAULT
A capacitor from this pin to ground sets the integration time of the FAULT detection circuitry.
A larger capacitor provides less suseptability to transient problems, while a smaller capacitor
provides quicker response. Values in the range of 1µF to 100µF are appropriate. If the FAULT
output is not used, this pin should be grounded. See also FAULT (pin 15).
Pin Description (refer to pin configuration on page 2)


Similar Part No. - HV461

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
HV461FG SUTEX-HV461FG Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
HV461FG-G SUTEX-HV461FG-G Datasheet
909Kb / 14P
   Ring Generator Controller IC
HV461FG-GM931 SUTEX-HV461FG-GM931 Datasheet
909Kb / 14P
   Ring Generator Controller IC
HV461 SUTEX-HV461_13 Datasheet
909Kb / 14P
   Ring Generator Controller IC
More results

Similar Description - HV461

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV461 SUTEX-HV461_13 Datasheet
909Kb / 14P
   Ring Generator Controller IC
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
logo
Texas Instruments
UCC2752 TI-UCC2752 Datasheet
72Kb / 6P
[Old version datasheet]   Resonant Ring Generator Controller
UCC2752 TI1-UCC2752_13 Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
logo
List of Unclassifed Man...
PD5019 ETC1-PD5019 Datasheet
209Kb / 14P
   Telephone Ring Generator Controller
logo
Supertex, Inc
HV440 SUTEX-HV440_14 Datasheet
464Kb / 6P
   High Voltage Ring Generator IC
logo
Texas Instruments
UCC2751 TI-UCC2751 Datasheet
69Kb / 7P
[Old version datasheet]   Single Line Ring Generator Controller
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
   High Voltage Ring Generator
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
   High-Voltage Ring Generator
logo
Linear Technology
LT1684 LINER-LT1684_15 Datasheet
236Kb / 16P
   Micropower Ring Tone Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com