Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U100001 Datasheet(PDF) 1 Page - E-SWITCH

Part # U100001
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

U100001 Datasheet(HTML) 1 Page - E-SWITCH

  U100001 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RDMBR10P1T
3:1
2/24/2011
U100001
D
BMA
1
1
8
4
C
REAL CODE
2
1
0
2
3
4
1
5
7
8
6
9
1
C
4
8
C
2
PCB LAYOUT
2
C
8
4
2
1
C
4
8
C
2
A
19711
RELEASE TO PRODUCTION
02/24/11
BMA
3.50
[.138 in]
3.65
[.144 in]
7.62
[.300 in]
7.40
[.291 in]
1.00
[.039 in]
7.40
[.291 in]
2.54
[.100 in]
2.54
[.100 in]
.50
[.020 in]
.25
[.010 in]
NOTES:
1. ALL DIMESNIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. OPERATING TORQUE: 120gf-cm `30gf-cm
5. CONTACT RATING: 100mA, 42V DC (SWITCHING)
400mA 42V DC (NON-SWITCHING)
6. CONTACT RESISTANCE: 80mW
W
W
W MAX.
7. INSULATION RESISTANCE: 100MW
W
W
W MIN @ 250VDC
8. DIELECTRIC STRENGTH: 250VAC 1 MIN.
9. LIFE: 25,000 STEPS
10. OPERATING TEMPERATURE: -60~C TO 125~C
11. PACKAGING:70 PCS TUBE
12. IP RATING: IP67
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
7.62
[.300 in]
2.54
[.100 in]
n.80
[.031 in]
5.08
[.200 in]
4.50
[.177 in]
1.05
[.041 in]
n3.20
[.126 in]
B
19878
ADD TERMINAL CALL-OUTS
04/27/11
BMA
B
B
C
C
20341
CORRECT TERMINAL CALLOUT
12/14/11
BGL
.70
[.028 in]
D
D
21416
ADD SLOT WIDTH DIMENSION
3/28/14
EBP


Similar Part No. - U100001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
U100000 E-SWITCH-U100000 Datasheet
143Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
U100002 E-SWITCH-U100002 Datasheet
137Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
U100003 E-SWITCH-U100003 Datasheet
155Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
U100004 E-SWITCH-U100004 Datasheet
144Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
U100005 E-SWITCH-U100005 Datasheet
135Kb / 1P
   ALL DIMESNIONS IN MM [INCH]
More results

Similar Description - U100001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com