Electronic Components Datasheet Search |
|
AC80-332J-RC Datasheet(PDF) 1 Page - Allied Components International |
|
AC80-332J-RC Datasheet(HTML) 1 Page - Allied Components International |
|
1 / 1 page AC80 Axial Coated Inductors Allied Part Number Rated Current (mA) Inductance ( µh) Tolerance (%) Q Min. QTest Freq. (MHz) DCR Max. (Ω) AC80-1R0K-RC 1.0 10 40 7.96 0.08 2200 AC80-2R2K-RC 2.2 10 40 7.96 0.11 1900 AC80-4R7K-RC 4.7 10 40 7.96 0.16 1600 AC80-100K-RC 10 10 60 2.52 0.22 1400 AC80-220K-RC 22 10 50 2.52 0.35 1100 All specifications subject to change without notice. 1.0 NOMINAL 1.0 NOMINAL 22AWG 0.583 (14.8) MAX. 0.205 (5.21) MAX. Dimensions: Inches (mm) RoHS ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com Features • High Current Capacity Electrical Test Equipment Physical Packaging: 1500 pieces per 13” Tape and Reel Inductance Range: 1.0µh to 100,000µh Tolerance: 1.0uh to 22uh 10% Test Frequency for (L): Operating Temp: -55ºC ~ +125ºC (L) from initial value. (L) & (Q): HP 4284A LCR meter or equivalent DCR: HP4263B Current Source and DCR Meter SRF: HP4191A Marking: 4 Band EIA Color Code Available in tighter tolerances • Expanded operating temp range • Low DC Resistance Part temperature should not exceed Current Rating: Based on a 10% drop in • Available on tape and Reel or Ammo Pack for Auto placement. 125ºC IDC: 11021 Current Source and DCR Meter 1000 pieces per Ammo Pack 05/28/10 AC80-1R5K-RC 1.5 10 40 7.96 0.09 2100 SRF (MHz) Μιν. 200 190 140 AC80-3R3K-RC 3.3 10 40 7.96 0.13 1750 120 100 AC80-6R8K-RC 6.8 10 40 7.96 0.19 1500 80 60 AC80-150K-RC 15 10 60 2.52 0.28 1250 20 12 AC80-330J-RC 33 5 40 2.52 0.43 900 8.0 AC80-470J-RC 47 5 40 2.52 0.50 800 AC80-101J-RC 100 5 50 0.796 0.70 600 AC80-221J-RC 220 5 50 0.796 1.60 400 AC80-471J-RC 470 5 40 0.796 2.50 280 AC80-102J-RC 1000 5 60 0.252 3.80 200 AC80-680J-RC 68 5 30 2.52 0.60 700 5.0 4.5 3.5 AC80-151J-RC 150 5 50 0.796 0.90 500 3.0 2.4 AC80-331J-RC 330 5 50 0.796 1.90 330 2.0 1.5 AC80-681J-RC 680 5 30 0.796 2.80 240 1.3 1.2 AC80-152J-RC 1500 5 60 0.252 6.00 160 1.0 AC80-222J-RC 2200 5 60 0.252 9.00 120 AC80-472J-RC 4700 5 60 0.252 20.0 90 AC80-103J-RC 10000 5 50 0.0796 42.0 60 AC80-223J-RC 22000 5 50 0.0796 120 40 AC80-473J-RC 47000 5 40 0.0796 230 30 AC80-332J-RC 3300 5 60 0.252 12.0 110 0.8 0.6 0.5 AC80-682J-RC 6800 5 60 0.252 30.0 80 0.4 0.35 AC80-153J-RC 15000 5 50 0.0796 68.0 50 0.30 0.26 AC80-333J-RC 33000 5 50 0.0796 150 35 0.22 0.18 AC80-683J-RC 68000 5 40 0.0796 290 25 0.15 AC80-104J-RC 100000 5 30 0.0796 420 20 0.12 (25.4) (25.4) 33uh to 100,000uh 5% 1.0uh to 6.8uh @ 1Mhz 10uh to 4700uh @ 100Khz 6800uh to 100,000uh @ 10Khz Measurements @ 20ºC |
Similar Part No. - AC80-332J-RC |
|
Similar Description - AC80-332J-RC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |