Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC80-683J-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AC80-683J-RC
Description  Axial Coated Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC80-683J-RC Datasheet(HTML) 1 Page - Allied Components International

  AC80-683J-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC80 Axial Coated Inductors
Allied
Part
Number
Rated
Current
(mA)
Inductance
(
µh)
Tolerance
(%)
Q
Min.
QTest
Freq.
(MHz)
DCR
Max.
(Ω)
AC80-1R0K-RC
1.0
10
40
7.96
0.08
2200
AC80-2R2K-RC
2.2
10
40
7.96
0.11
1900
AC80-4R7K-RC
4.7
10
40
7.96
0.16
1600
AC80-100K-RC
10
10
60
2.52
0.22
1400
AC80-220K-RC
22
10
50
2.52
0.35
1100
All specifications subject to change without notice.
1.0 NOMINAL
1.0 NOMINAL
22AWG
0.583
(14.8)
MAX.
0.205
(5.21)
MAX.
Dimensions:
Inches
(mm)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Features
• High Current Capacity
Electrical
Test Equipment
Physical
Packaging: 1500 pieces per 13” Tape and Reel
Inductance Range: 1.0µh to 100,000µh
Tolerance: 1.0uh to 22uh 10%
Test Frequency for (L):
Operating Temp: -55ºC ~ +125ºC
(L) from initial value.
(L) & (Q): HP 4284A LCR meter or equivalent
DCR: HP4263B Current Source and DCR Meter
SRF: HP4191A
Marking: 4 Band EIA Color Code
Available in tighter tolerances
• Expanded operating temp range
• Low DC Resistance
Part temperature should not exceed
Current Rating: Based on a 10% drop in
• Available on tape and Reel or Ammo
Pack for Auto placement.
125ºC
IDC: 11021 Current Source and DCR Meter
1000 pieces per Ammo Pack
05/28/10
AC80-1R5K-RC
1.5
10
40
7.96
0.09
2100
SRF
(MHz)
Μιν.
200
190
140
AC80-3R3K-RC
3.3
10
40
7.96
0.13
1750
120
100
AC80-6R8K-RC
6.8
10
40
7.96
0.19
1500
80
60
AC80-150K-RC
15
10
60
2.52
0.28
1250
20
12
AC80-330J-RC
33
5
40
2.52
0.43
900
8.0
AC80-470J-RC
47
5
40
2.52
0.50
800
AC80-101J-RC
100
5
50
0.796
0.70
600
AC80-221J-RC
220
5
50
0.796
1.60
400
AC80-471J-RC
470
5
40
0.796
2.50
280
AC80-102J-RC
1000
5
60
0.252
3.80
200
AC80-680J-RC
68
5
30
2.52
0.60
700
5.0
4.5
3.5
AC80-151J-RC
150
5
50
0.796
0.90
500
3.0
2.4
AC80-331J-RC
330
5
50
0.796
1.90
330
2.0
1.5
AC80-681J-RC
680
5
30
0.796
2.80
240
1.3
1.2
AC80-152J-RC
1500
5
60
0.252
6.00
160
1.0
AC80-222J-RC
2200
5
60
0.252
9.00
120
AC80-472J-RC
4700
5
60
0.252
20.0
90
AC80-103J-RC
10000
5
50
0.0796
42.0
60
AC80-223J-RC
22000
5
50
0.0796
120
40
AC80-473J-RC
47000
5
40
0.0796
230
30
AC80-332J-RC
3300
5
60
0.252
12.0
110
0.8
0.6
0.5
AC80-682J-RC
6800
5
60
0.252
30.0
80
0.4
0.35
AC80-153J-RC
15000
5
50
0.0796
68.0
50
0.30
0.26
AC80-333J-RC
33000
5
50
0.0796
150
35
0.22
0.18
AC80-683J-RC
68000
5
40
0.0796
290
25
0.15
AC80-104J-RC
100000
5
30
0.0796
420
20
0.12
(25.4)
(25.4)
33uh to 100,000uh 5%
1.0uh to 6.8uh @ 1Mhz
10uh to 4700uh @ 100Khz
6800uh to 100,000uh @ 10Khz
Measurements @ 20ºC


Similar Part No. - AC80-683J-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC80-683J-RC ALLIED-AC80-683J-RC Datasheet
1Mb / 1P
   Axial Coated Inductors
More results

Similar Description - AC80-683J-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
   Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
   Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
   Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
   Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
   Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
   Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
   Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
   Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
   Axial Coated Inductors
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
   Axial Coated Inductors
AC10-R10M-RC ALLIED-AC10-R10M-RC_10 Datasheet
885Kb / 1P
   Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com