Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP85U03GM-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP85U03GM-HF
Description  Ultra_Low On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP85U03GM-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP85U03GM-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP85U03GM-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP85U03GM-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP85U03GM-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP85U03GM-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
3
4
5
6
7
8
9
246
8
10
V GS , Gate-to-Source Voltage (V)
I D =10 A
T A =25
o C
0
10
20
30
40
50
60
001122
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10 V
7.0 V
6.0 V
5.0 V
V G =4.0V
0
10
20
30
40
50
60
01234
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
10 V
7.0 V
6.0 V
5.0 V
V G =4.0V
0.4
0.9
1.4
1.9
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =16 A
V G =10V
0.0
0.4
0.8
1.2
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
4
8
12
16
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - AP85U03GM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP85U03GM-HF A-POWER-AP85U03GM-HF_16 Datasheet
99Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP85U03GM-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4430GM-HF A-POWER-AP4430GM-HF Datasheet
99Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP9412AGM-HF A-POWER-AP9412AGM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Ultra_Low On-resistance
AP9416GM A-POWER-AP9416GM Datasheet
230Kb / 5P
   Simple Drive Requirement, Ultra_Low On-resistance
AP9412CGM-HF A-POWER-AP9412CGM-HF Datasheet
98Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP9412AGM A-POWER-AP9412AGM Datasheet
99Kb / 4P
   Simple Drive Requirement, Ultra_Low On-resistance
AP9420GM-HF A-POWER-AP9420GM-HF Datasheet
98Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP4429GM-HF A-POWER-AP4429GM-HF Datasheet
99Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP85U03GM-HF A-POWER-AP85U03GM-HF Datasheet
99Kb / 4P
   Ultra_Low On-resistance, Simple Drive Requirement
AP9418GM A-POWER-AP9418GM Datasheet
206Kb / 5P
   Simple Drive Requirement, Ultra_Low On-resistance
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com