Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4SU69G2-TR Datasheet(PDF) 2 Page - Rohm

Part # BU4SU69G2-TR
Description  Single Gate CMOS Logic ICs Logic Gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4SU69G2-TR Datasheet(HTML) 2 Page - Rohm

  BU4SU69G2-TR Datasheet HTML 1Page - Rohm BU4SU69G2-TR Datasheet HTML 2Page - Rohm BU4SU69G2-TR Datasheet HTML 3Page - Rohm BU4SU69G2-TR Datasheet HTML 4Page - Rohm BU4SU69G2-TR Datasheet HTML 5Page - Rohm BU4SU69G2-TR Datasheet HTML 6Page - Rohm BU4SU69G2-TR Datasheet HTML 7Page - Rohm BU4SU69G2-TR Datasheet HTML 8Page - Rohm BU4SU69G2-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
BU4S01G2,BU4S11G2,BU4SU69G2,BU4S71G2,BU4S81G2, BU4S584G2
Technical Note
2/16
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
When used at Ta=25[°C] or above, values of above are reduced per 1[°C].
Power dissipation is the value for mounting 70[mm] x 70[mm] x 1.6[mm]
FR4 glass epoxy circuit board (copper foil area is 3% or less).
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
BU4S01G2 BU4S11G2 BU4SU69G2 BU4S71G2 BU4S81G2 BU4S584G2
Power supply voltage
VDD
-0.3 to 18
V
Supply current
Iin
±10
mA
Operating temperature
Topr
-40 to 85
Storage temperature
Tstg
-55 to 150
Input voltage
VIN
-0.3 to VDD+0.3
V
Maximum junction temperature
Tjmax
150
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
BU4S01G2 BU4S11G2 BU4SU69G2 BU4S71G2 BU4S81G2 BU4S584G2
Operating power supply
VDD
3 to 16
V
Input voltage
VIN
0 to VDD
V
Thermal Derating Curve
Input / output Equivalent Circuits
Switching Characteristics
(*1)
UNIT
5.3
mW/℃
Input
Output>
VDD
GND
VDD
GND
VDD
VDD
GND
GND
Description of symbols
(1) tPHL: Time up to 50% of rise time of input waveform
~ 50% of fall time of output waveform
(2) tPLH: Time up to 50% of fall time of input waveform
~ 50% of rise time of output waveform
(3) tTHL: Time up to 90% ~ 10% of fall time of output waveform
(4) tTLH: Time up to 10% ~ 90% of rise time of output waveform
Description of symbols
(1) tPLH: Time up to 50% of rise time of input waveform
~50% of rise time of output waveform
(2) tPHL: Time up to 50% of fall time of input waveform
~ 50% of fall time of output waveform
(3) tTLH: Time up to 10% ~ 90% of rise time of output waveform
(4) tTHL: Time up to 90% ~ 10% of fall time of output waveform
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
150
175
Ambient  temperature  Ta〔℃〕
670[mV] BU4S Series (*1)
85℃
BU4S01G2
BU4S11G2
BU4SU69G2
BU4S71G2
BU4S81G2
BU4S584G2
90%
50%
10%
10%
50%
90%
20[ns]
20[ns]
Input
Output
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
90%
50%
10%
20[ns]
20[ns]
tTHL
tpLH
Input
Output
tTLH
tpHL


Similar Part No. - BU4SU69G2-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
1Mb / 16P
   Single Inverter Gate
More results

Similar Description - BU4SU69G2-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
logo
OSRAM GmbH
SFH5400 OSRAM-SFH5400 Datasheet
146Kb / 7P
   Logic Gate Detector
logo
ON Semiconductor
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com