Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S11G2 Datasheet(PDF) 1 Page - Rohm

Part # BU4S11G2
Description  Single Gate CMOS Logic ICs Logic Gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S11G2 Datasheet(HTML) 1 Page - Rohm

  BU4S11G2 Datasheet HTML 1Page - Rohm BU4S11G2 Datasheet HTML 2Page - Rohm BU4S11G2 Datasheet HTML 3Page - Rohm BU4S11G2 Datasheet HTML 4Page - Rohm BU4S11G2 Datasheet HTML 5Page - Rohm BU4S11G2 Datasheet HTML 6Page - Rohm BU4S11G2 Datasheet HTML 7Page - Rohm BU4S11G2 Datasheet HTML 8Page - Rohm BU4S11G2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/16
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
General-purpose CMOS Logic IC Series (BU4S,BU4000B Series)
Single Gate CMOS Logic ICs
<Logic Gate>
BU4S01G2, BU4S11G2, BU4SU69G2,BU4S71G2, BU4S81G2, BU4S584G2
●Description
The BU4SxxxG2 are 1ch logic ICs encapsulated in an SSOP5 package.
They are interchangeable with the genaral-purpose BU4000B series.
●Features
1) Low power consumption
2) Surface mount package (SSOP5)
3) Broad operating supply voltage range: 3V-16V
4) High input impedance
5) High fan out
6) L-TTL2 and LS-TTL1 inputs can be driven directly.
7) Function compatible with BU4000B series (1ch).
●Applications
Suitable for use where low power consumption and a high degree of noise tolerance are required.
●Lineup
BU4S01G2
BU4S11G2
BU4SU69G2
BU4S71G2
BU4S81G2
BU4S584G2 (Single Schmitt trigger inverter)
(Single 2-input AND gate)
(Single OR gate)
(Single inverter gate)
(Single 2-input NAND gate)
(Single 2-input NOR gate)
1
circuit
NOR
gate
1
circuit
NAND
gate
1
circuit
INV
gate
1
circuit
OR
gate
1
circuit
AND
gate
1
circuit
INV
gate
Single Gate CMOS Logic
Logic Gate
No.09050EAT01


Similar Part No. - BU4S11G2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S11G2 ROHM-BU4S11G2 Datasheet
151Kb / 5P
   single 2 input NAND gates
BU4S11G2 ROHM-BU4S11G2 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S11G2 ROHM-BU4S11G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S11G2 ROHM-BU4S11G2 Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S11G2 ROHM-BU4S11G2 Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
More results

Similar Description - BU4S11G2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
logo
OSRAM GmbH
SFH5400 OSRAM-SFH5400 Datasheet
146Kb / 7P
   Logic Gate Detector
logo
ON Semiconductor
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com