Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-01-B74-S3NC-C6T1U1DH Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 30-01-B74-S3NC-C6T1U1DH
Description  3mm Advanced Super Flux LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

30-01-B74-S3NC-C6T1U1DH Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  30-01-B74-S3NC-C6T1U1DH Datasheet HTML 1Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 2Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 3Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 4Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 5Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 6Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 7Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 8Page - Everlight Electronics Co., Ltd 30-01-B74-S3NC-C6T1U1DH Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-05-29 16:04:22.0
DATASHEET
P-LED
30-01-B74-S3NC-C6T1U1DH-AM
2
Copyright © 2010, Everlight All Rights Reserved. Release Date : May, 24.2013. Issue No:DPE-0000134
Rev3
www.everlight.com
Product Nomenclature
3
Absolute Maximum Ratings (Ta=25℃)
4
Electro-Optical Characteristics (Ta=25℃)
5
Bin Range of Forward Voltage (Ta=25℃)
6
Bin Range of Dominant Wavelength (Ta=25℃)
7
Bin Range of Total Flux (Ta=25℃)
8
Typical Electro-Optical Characteristics Curves
9
Package Dimensions
11
Label Explanation
12
Antistatic Packing Materials Tube and Standard Boxes
12
Precautions
13
Revision History
16
Product Nomenclature


Similar Part No. - 30-01-B74-S3NC-C6T1U1DH

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01-B4C-AKNB EVERLIGHT-30-01-B4C-AKNB Datasheet
140Kb / 7P
   3mm POWER LED
30-01-B4C-AKNB EVERLIGHT-30-01-B4C-AKNB_09 Datasheet
362Kb / 12P
   3mm Piranha
30-01-B84-RFC-D4T1U1DH-AM EVERLIGHT-30-01-B84-RFC-D4T1U1DH-AM Datasheet
814Kb / 13P
   3mm Power LED
30-01-B84-YSC-A1T1U1DH-AM EVERLIGHT-30-01-B84-YSC-A1T1U1DH-AM Datasheet
797Kb / 13P
   3mm Power LED
More results

Similar Description - 30-01-B74-S3NC-C6T1U1DH

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01-B14-S3NC-C6T1U1DH EVERLIGHT-31-01-B14-S3NC-C6T1U1DH Datasheet
436Kb / 16P
   3mm Advanced Super Flux LEDs
33-01-C44-RRFC-D1T1U1CH EVERLIGHT-33-01-C44-RRFC-D1T1U1CH Datasheet
460Kb / 18P
   3mm Advanced Super Flux LEDs
38-01-A84-S3NC-C1S2T2CH EVERLIGHT-38-01-A84-S3NC-C1S2T2CH Datasheet
392Kb / 16P
   3mm Advanced Super Flux LEDs
33-01-C34-YYSC-A5T1U1CH EVERLIGHT-33-01-C34-YYSC-A5T1U1CH Datasheet
510Kb / 16P
   3mm Advanced Super Flux LEDs
38-01-A84-RAC-D4T1U1DH EVERLIGHT-38-01-A84-RAC-D4T1U1DH Datasheet
515Kb / 16P
   3mm Advanced Super Flux LEDs
10-01-C84-YSC-AAS2T2DH EVERLIGHT-10-01-C84-YSC-AAS2T2DH_15 Datasheet
426Kb / 16P
   3mm Advanced Super Flux LEDs
logo
Agilent(Hewlett-Packard...
HPWA-MH00 HP-HPWA-MH00 Datasheet
137Kb / 6P
   Super Flux LEDs
logo
Unity Opto Technology
MVL-904UYL UOT-MVL-904UYL Datasheet
65Kb / 2P
   Super Flux LEDS
logo
Lite-On Technology Corp...
LTL913SEKS LITEON-LTL913SEKS Datasheet
204Kb / 9P
   Super Flux LEDs
LTL915SEKS LITEON-LTL915SEKS Datasheet
189Kb / 10P
   Super Flux LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com