Electronic Components Datasheet Search |
|
BD4849G-TR Datasheet(PDF) 2 Page - Rohm |
|
BD4849G-TR Datasheet(HTML) 2 Page - Rohm |
2 / 18 page Datasheet 2/15 BD48xxx series BD49xxx series TSZ02201-0R7R0G300030-1-2 © 2013 ROHM Co., Ltd. All rights reserved. 22.May.2013.Rev.008 www.rohm.com TSZ22111 ・ 15 ・ 001 ● Connection Diagram SSOP5 VSOF5 ● Pin Descriptions SSOP5 VSOF5 PIN No. Symbol Function PIN No. Symbol Function 1 VOUT Reset Output 1 VOUT Reset Output 2 VDD Power Supply Voltage 2 SUB Substrate* 3 GND GND 3 N.C. Unconnected Terminal 4 N.C. Unconnected Terminal 4 GND GND 5 N.C. Unconnected Terminal 5 VDD Power Supply Voltage *Connect the substrate to GND. SSOP3(1pin GND) SSOP3(3pin GND) ● Pin Descriptions SSOP3-1 SSOP3-2 PIN No. Symbol Function PIN No. Symbol Function 1 GND GND 1 VOUT Reset Output 2 VOUT Reset Output 2 VDD Power Supply Voltage 3 VDD Power Supply Voltage 3 GND GND Ordering Information Note: When ordering new SSOP5, select “E” for Package 1 and “G” for Package 2. Lot. No TOP VIEW VOUT SUB N.C VDD GND 4 3 2 1 5 Marking Lot. No TOP VIEW VOUT VDD GND N.C. N.C. Marking 1 2 3 2 GND VOUT VDD Marking Lot. No TOP VIEW 1 2 3 VOUT VDD GND Marking Lot. No TOP VIEW Part Output Type Package1 Reset Voltage Value Package2 Packaging and Number 48 : Open Drain 23 : 2.3V forming specification 49 : CMOS 0.1V step Embossed tape and reel 60 : 6.0V TR :The pin number 1is the upper right :SSOP5 :VSOF5 TL :The pin number 1is Package1 Package2 Package name the upper left E G SSOP5 :SSOP3-1 K G SSOP3(1pin GND) :SSOP3-2 L G SSOP3(3pin GND) Blank FVE VSOF5 Blank G SSOP5 R x x x x B D x x - T |
Similar Part No. - BD4849G-TR |
|
Similar Description - BD4849G-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |