Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AP92U03GM-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part No. AP92U03GM-HF
Description  Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP92U03GM-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP92U03GM-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP92U03GM-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP92U03GM-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP92U03GM-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=20A
-
-
4
VGS=4.5V, ID=12A
-
-
6
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=20A
-
50
-
S
IDSS
Drain-Source Leakage Current
VDS=30V, VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=20A
-
36
58
nC
Qgs
Gate-Source Charge
VDS=15V
-
7
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
21
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
12
-
ns
tr
Rise Time
ID=1A
-
10
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-53
-
ns
tf
Fall Time
VGS=10V
-
25
-
ns
Ciss
Input Capacitance
VGS=0V
-
2650
4240
pF
Coss
Output Capacitance
VDS=25V
-
415
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
350
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.2
-
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=2.1A, VGS=0V
-
-
1.2
V
trr
Reverse Recovery Time
2
IS=10A, VGS=0V,
-
36
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
33
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3.Surface mounted on 1 in
2 copper pad of FR4 board, t <10sec ; 125 ℃/W when mounted on Min. copper pad.
2
AP92U03GM-HF


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn