Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AP92U03GM-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part No. AP92U03GM-HF
Description  Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP92U03GM-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP92U03GM-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP92U03GM-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP92U03GM-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP92U03GM-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP92U03GM-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
3
4
5
6
246
8
10
V GS , Gate-to-Source Voltage (V)
I D =12 A
T A =25 ℃
0
20
40
60
80
01234
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10 V
7.0 V
6.0 V
5.0 V
V G =4.0V
0
20
40
60
80
0123456
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
10 V
7.0 V
6.0 V
5.0 V
V G =4.0V
0.4
0.9
1.4
1.9
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = 20A
V G =10V
0.0
0.4
0.8
1.2
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn