Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

65-21-S2SC-B2S1T1B7E8 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 65-21-S2SC-B2S1T1B7E8
Description  Mini Top LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

65-21-S2SC-B2S1T1B7E8 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 65-21-S2SC-B2S1T1B7E8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2014-09-23 17:17:17.0
DATASHEET
SMD  Mini Top LEDs
65-21-S2SC-B2S1T1B7E-2T8-AM
8
Copyright © 2010, Everlight All Rights Reserved. Release Date : 2014.9.19 Issue No: DSE-0003360
www.everlight.com
Moisture Resistant Packing Materials
Label Explanation
CPN: Customer’s Product Number
P/N: Product Number
QTY: Packing Quantity
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
LOT No: Lot Number
Reel Dimensions
Carrier Tape Dimensions: Loaded Quantity 2000 pcs Per Reel
Note: Tolerances unless mentioned ±0.1mm. Unit = mm


Similar Part No. - 65-21-S2SC-B2S1T1B7E8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
More results

Similar Description - 65-21-S2SC-B2S1T1B7E8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21-R7SC-A6Q2S1B0E8 EVERLIGHT-65-21-R7SC-A6Q2S1B0E8 Datasheet
579Kb / 10P
   Mini Top LEDs
65-21-Y2SC-A0R1S2B7E8 EVERLIGHT-65-21-Y2SC-A0R1S2B7E8 Datasheet
540Kb / 10P
   Mini Top LEDs
EAPL2214WA1-AM EVERLIGHT-EAPL2214WA1-AM Datasheet
418Kb / 10P
   Mini Top LEDs
65-11-BHC-AR1S2B2-2T EVERLIGHT-65-11-BHC-AR1S2B2-2T Datasheet
219Kb / 10P
   Mini TOP View LEDs
65-21-UYC-S530-A4-TR8 EVERLIGHT-65-21-UYC-S530-A4-TR8 Datasheet
194Kb / 10P
   Mini TOP View LEDs
65-11-GBC-Y0V1AAN0E8 EVERLIGHT-65-11-GBC-Y0V1AAN0E8 Datasheet
325Kb / 9P
   Mini Top View LEDs
EAIPL3528A3 EVERLIGHT-EAIPL3528A3 Datasheet
536Kb / 8P
   Mini-Top Infrared LEDs
EAPL2214GA1 EVERLIGHT-EAPL2214GA1 Datasheet
316Kb / 9P
   Mini Top View LEDs
EAPL2214WA3 EVERLIGHT-EAPL2214WA3 Datasheet
407Kb / 13P
   Mini Top View LEDs
EAPL2214YA2 EVERLIGHT-EAPL2214YA2 Datasheet
316Kb / 9P
   Mini Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com