Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP95N25W Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP95N25W
Description  Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP95N25W Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP95N25W_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP95N25W_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP95N25W_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP95N25W_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
250
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=25A
-
-
55
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2.5
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=25A
-
25
-
S
IDSS
Drain-Source Leakage Current
VDS=250V, VGS=0V
-
-
1
uA
IGSS
Gate-Source Leakage
VGS= ±30V, VDS=0V
-
-
±0.1
uA
Qg
Total Gate Charge
2
ID=50A
-
168
270
nC
Qgs
Gate-Source Charge
VDS=200V
-
36
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
68
-
nC
td(on)
Turn-on Delay Time
2
VDS=125V
-
50
-
ns
tr
Rise Time
ID=25A
-
92
-
ns
td(off)
Turn-off Delay Time
RG=10Ω,VGS=10V
-
250
-
ns
tf
Fall Time
RD=5Ω
-
105
-
ns
Ciss
Input Capacitance
VGS=0V
-
8370 13400
pF
Coss
Output Capacitance
VDS=15V
-
1505
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
60
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=50A, VGS=0V
-
-
1.5
V
trr
Reverse Recovery Time
2
IS=50A, VGS=0V
-
320
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
4.7
-
µC
Notes:
1.PW ≦ 10us, duty cycle ≦ 1%
2.Pulse test
3.STch = 25℃,Tch ≦ 150℃
THIS PRODUCT IS AN ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION.
DEVICE OR SYSTEM ARE NOT AUTHORIZED.
2/4
AP95N25W
THIS PRODUCT HAS BEEN QUALIFIED FOR CONSUMER MARKET. APPLICATIONS OR USES AS CRITERIAL COMPONENT IN LIFE SUPPORT


Similar Part No. - AP95N25W_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP95N25W A-POWER-AP95N25W Datasheet
64Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP95N25W_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com