Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130-25SAG-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP130-25SAG-7
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130-25SAG-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP130-25SAG-7 Datasheet HTML 1Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 2Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 3Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 4Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 5Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 6Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 7Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 8Page - Diodes Incorporated AP130-25SAG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 8 - 2
1 of 11
www.diodes.com
December 2011
© Diodes Incorporated
Features
Input Voltage Range: 2.7V to 5.5V
Dropout Voltage 400mV at 300mA Output Current
Guaranteed 300mA Output Current
Internal RON = 1.5
Ω PMOS Draws No Base Current
Low Quiescent Current 50µA
Output Voltage: 1.5V/1.8V/2.0V/2.5V/2.8V/3.0V/
3.3V/3.5; Accuracy 2%
Fast Transient Response
Good Load Regulation
Current Limit and Thermal Shutdown Protection
Short Circuit Current Fold-Back
Lead Free Packages: SC59, SC59R, SOT89-3L, and
SOT89R-3L
SC59, SC59R, SOT23, SOT89-3L, and SOT89R-3L:
Available in “Green” Molding Compound (No Br, Sb)
(Note 9)
Lead Free Finish/ RoHS Compliant (Note 1)
Description
The AP130 is a 300mA, fixed output voltage, low dropout
linear regulator. The device includes pass element, error
amplifier, band-gap, current-limit and thermal shutdown
circuitry. The characteristics of low dropout voltage and
less quiescent current make it good for some critical
current application, for example, some battery powered
devices. The typical quiescent current is approximately
50µA from zero to maximum load. Due to internal flexible
design, results in extensively fixed output voltage versions
and make it convenient to use for applications. Built-in
current-limit and thermal-shutdown functions prevent any
fault condition from IC damage.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Applications
Battery Powered Device
CD-ROM, DVD, and LAN Card
PC Peripheral
Wireless Communication
Typical Application Circuit
IN
OUT
GND
IN
C
V
IN
OUT
C
OUT
V
AP130
1uF
10uF


Similar Part No. - AP130-25SAG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130-25PG-13 DIODES-AP130-25PG-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-25PG-7 DIODES-AP130-25PG-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-25PG-U DIODES-AP130-25PG-U Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-25PL-13 DIODES-AP130-25PL-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-25PL-7 DIODES-AP130-25PL-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results

Similar Description - AP130-25SAG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com