Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTU6800QSC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSTU6800QSC
Description  10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU6800QSC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSTU6800QSC Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800QSC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 7)
Note 7: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω, RU = RD = 500 Ω
Note: CL includes load and stray capacitance, CL= 50 pF
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40 °C to +85 °C,
CL = 50 pF, RU = RD = 500Ω
Units
Conditions
Figure No.
VCC = 4.5 – 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL,tPLH
Prop Delay Bus to Bus (Note 6)
0.25
0.25
ns
VI = OPEN
Figures 1, 2
tPZH
Output Enable Time
7.0
30.0
35.0
ns
VI = OPEN
BiasV
= GND
Figures 1, 2
tPZL
7.0
30.0
35.0
ns
VI = 7V
BiasV
= 3V
tPHZ
Output Disable Time
1.0
6.1
6.5
ns
VI = OPEN
BiasV
= GND
Figures 1, 2
tPLZ
1.0
7.3
6.8
ns
VI = 7V
BiasV
= 3V
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
5
pF
VCC, OE = 5.0V


Similar Part No. - FSTU6800QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU6800QSC FAIRCHILD-FSTU6800QSC Datasheet
181Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTU6800QSC FAIRCHILD-FSTU6800QSC Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
More results

Similar Description - FSTU6800QSC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com