Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-10-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HRP-10-S
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HRP-10-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HRP-10-S Datasheet HTML 1Page - List of Unclassifed Manufacturers HRP-10-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HR CONNECTOR
2.5mm pitch/Disconnectable Crimp style connectors
Radial Tape
JST
5
• Thin design
• High reliability
• Interchangeability
Specifications –––––––––––––––––––
• Current rating:
3A AC, DC (AWG #22)
• Voltage rating:
250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
1,000V AC/minute
• Applicable wire: AWG #26 to #22
• Applicable PC board thickness: 0.8 to 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
13.5
2.5±0.05
2.5min
φ0.9
+0.1
 0
2.5±0.05
2.5min
φ0.9
+0.1
 0
4.1
4.4
2.5±0.05
2.5min
φ0.9
+0.1
 0
Top entry type
Top entry type on radial-tape
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimension differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions should
be larger. The dimensions above should serve as a guideline. Contact JST for details.
PC board layout (viewed from soldering side) and Assembly layout
1


Similar Part No. - HRP-10-S

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-100 MEANWELL-HRP-100 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
HRP-100-12 MEANWELL-HRP-100-12 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
HRP-100-12 MEANWELL-HRP-100-12 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
HRP-100-15 MEANWELL-HRP-100-15 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
HRP-100-15 MEANWELL-HRP-100-15 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - HRP-10-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com