Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-11-S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HRP-11-S
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HRP-11-S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HRP-11-S Datasheet HTML 1Page - List of Unclassifed Manufacturers HRP-11-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HR CONNECTOR
8.2
4.85
2.85
1.3
0.8
1.9
B
JST
1
2.5
2.5
A
4.1
Model No.
Q'ty /
bag
Circuits
Dimensions (mm)
AB
Material
2
3
4
5
6
7
8
9
10
11
12
13
HRP-02-S
HRP-03-S
HRP-04-S
HRP-05-S
HRP-06-S
HRP-07-S
HRP-08-S
HRP-09-S
HRP-10-S
HRP-11-S
HRP-12-S
HRP-13-S
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
2,000
2,000
1,000
1,000
1,000
500
500
500
500
500
500
250
PA 66, UL94V-0, natural (white)
The shrouded headers are interchangeable with those of the EH crimp style and HR insulation displacement connectors.
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
HRP-02-S-
S…natural (white)
K…black R…red TR…tomato red E…blue
L…lemon yellow M…green N…brown
O…orange P…purple
PK…pink LE…light blue Y…yellow FY…vivid yellow H…gray
Note:*Strip-crimp applicator
Contact
Crimping
Applicator
machine Crimp applicator
Dies
Crimp applicator with dies
SHR-001T-P0.6
AP-K2N
MKS-L
MK/SHR/MR-001-06 APLMK SHR/MR001-06
*MKS-SC
SC/SHR/MR-001-06 APLSC SHR/MR001-06
Contact
Housing
Shrouded header
Model No.
Applicable wire
mm2
AWG #
Insulation O.D. (mm)
Q'ty /
reel
SHR-001T-P0.6
0.13∼0.33
26∼22
1.3∼1.7
9,000
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
RoHS compliance
2


Similar Part No. - HRP-11-S

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-100 MEANWELL-HRP-100 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
HRP-100-12 MEANWELL-HRP-100-12 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
HRP-100-12 MEANWELL-HRP-100-12 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
HRP-100-15 MEANWELL-HRP-100-15 Datasheet
343Kb / 2P
   100W Single Output with PFC Function
HRP-100-15 MEANWELL-HRP-100-15 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - HRP-11-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com