Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF18D290P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELF18D290P
Description  Dimensions in mm (not to scale)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF18D290P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELF18D290P Datasheet HTML 1Page - Panasonic Semiconductor ELF18D290P Datasheet HTML 2Page - Panasonic Semiconductor ELF18D290P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Line Filters
ELF18D650U
ELF650U
47.0
1.212
0.7
ELF18D656S
ELF656S
68.0
1.294
0.6
ELF18D650H
ELF650H
33.0
0.806
0.8
ELF18D656V
ELF656V
27.0
0.515
1.0
ELF18D650D
ELF650D
15.0
0.411
1.1
ELF18D656J
ELF656J
12.0
0.225
1.6
ELF18D650J
ELF650J
12.0
0.309
1.3
ELF18D656K
ELF656K
6.8
0.147
2.0
ELF18D650W
ELF650W
10.0
0.274
1.4
ELF18D656X
ELF656X
5.6
0.111
2.2
ELF18D650C
ELF650C
8.2
0.236
1.7
ELF18D656Y
ELF656Y
4.7
0.087
2.5
ELF18D650B
ELF650B
3.3
0.101
2.4
ELF18D656Z
ELF656Z
2.7
0.071
2.7
ELF18D650G
ELF650G
1.8
0.062
2.8
ELF18D666A
ELF666A
2.2
0.058
2.8
ELF18D650M
ELF650M
1.5
0.058
3.1
s Series V
q Type 650
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Inductance
V
DCR(
W)
Current
Inductance
V
DCR(
W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
V DC Resistance
Examples
29.0±1.0
13.0±0.5
21.0±1.0
10.0±0.5
4-
f0.8±0.1
13.00±0.05
4-
f1.2±0.1
1
2
3
4
Marking
ELF18D850R
ELF850R
82.0
0.892
0.8
ELF18D850W
ELF850W
10.0
0.124
2.5
ELF18D850T
ELF850T
56.0
0.608
1.0
ELF18D850C
ELF850C
8.2
0.097
3.0
ELF18D850U
ELF850U
47.0
0.469
1.2
ELF18D850X
ELF850X
5.6
0.065
3.4
ELF18D850H
ELF850H
33.0
0.327
1.4
ELF18D850Y
ELF850Y
4.7
0.060
3.5
ELF18D850Z
ELF850Z
27.0
0.274
1.5
ELF18D850P
ELF850P
3.9
0.052
3.7
ELF18D860C
ELF860C
22.0
0.237
1.8
ELF18D850B
ELF850B
3.3
0.041
4.2
ELF18D850Q
ELF850Q
18.0
0.228
1.9
ELF18D860B
ELF860B
2.7
0.031
4.5
ELF18D850D
ELF850D
15.0
0.161
2.0
ELF18D850M
ELF850M
1.5
0.028
5.0
Inductance
VDCR(
W)
Current
Inductance
VDCR(
W)
Current
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
Part No.
Marking
(mH)min.
[at 20 ¡C]
(A rms)
(Tol ±20 %)
max.
(Tol.±20 %)
max.
V DC Resistance
q Type 850
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Examples
21.0±0.5
36.0±1.0
25.5±1.0
15.0±0.5
6-
f1.2±0.1
21.0±0.1
6-
f2.0±0.1
1
23
4
Marking
Reinforcement
terminal holes
Reinforcement
terminal


Similar Part No. - ELF18D290P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF18D290P PANASONIC-ELF18D290P Datasheet
117Kb / 4P
   Line Filters
ELF18D290P PANASONIC-ELF18D290P Datasheet
88Kb / 2P
   Line Filters
ELF18D290P PANASONIC-ELF18D290P Datasheet
71Kb / 2P
   Line Filters
ELF18D290P PANASONIC-ELF18D290P Datasheet
117Kb / 4P
   Line Filters
ELF18D290P PANASONIC-ELF18D290P Datasheet
71Kb / 2P
   Line Filters
More results

Similar Description - ELF18D290P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-18D225 PANASONIC-ELF-18D225 Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
ELF-15N015A PANASONIC-ELF-15N015A Datasheet
71Kb / 2P
   Dimensions in mm (not to scale)
ELF11M16M PANASONIC-ELF11M16M Datasheet
47Kb / 1P
   Dimensions in mm (not to scale)
ELF-18D612 PANASONIC-ELF-18D612 Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
logo
Pran Electronics Pvt. L...
JP-S1-8P8C-2P PRAN-JP-S1-8P8C-2P Datasheet
245Kb / 1P
   DRAWING NOT TO SCALE
11/07/2016
logo
Panasonic Semiconductor
ELJRG1N0DF PANASONIC-ELJRG1N0DF Datasheet
51Kb / 1P
   Non Magnetic Core Types RG, RF, RE, NJ, ND, NC, NA Dimensions in mm (not to scale)
logo
Hammond Manufacturing L...
1418B6 HAMMOND-1418B6 Datasheet
217Kb / 1P
   Isometric drawing Not to Scale
logo
Knowles Electronics
FG-23329-D65 KNOWLES-FG-23329-D65 Datasheet
135Kb / 2P
   DO NOT SCALE DRAWING
FG-23629-D65 KNOWLES-FG-23629-D65 Datasheet
136Kb / 2P
   DO NOT SCALE DRAWING
logo
Vishay Siliconix
SOT-490 VISHAY-SOT-490 Datasheet
35Kb / 2P
   Package Dimensions in mm
Rev. 1.1, 06-Sep-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com