Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2308GEN-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2308GEN-HF
Description  Fast Switching Performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2308GEN-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2308GEN-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2308GEN-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2308GEN-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2308GEN-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Capable of 2.5V Gate Drive
BVDSS
20V
▼ Lower Gate Charge
RDS(ON)
600mΩ
▼ Fast Switching Performance
ID
1.2A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
180
℃/W
Data and specifications subject to change without notice
1
AP2308GEN-HF
Halogen-Free Product
201204255
Parameter
Rating
Drain-Source Voltage
20
Gate-Source Voltage
+8
Continuous Drain Current
3, V
GS @ 4.5V
1.2
Continuous Drain Current
3, V
GS @ 4.5V
1
Pulsed Drain Current
1
3.6
Total Power Dissipation
0.69
-55 to 150
Operating Junction Temperature Range
-55 to 150
Thermal Data
Parameter
Storage Temperature Range
D
G
S
SOT-23
Advanced Power MOSFETs utilized advanced processing techniques to
achieve the lowest possible on-resistance, extremely efficient and cost-
effectiveness device.
The
SOT-23
package
is
widely
used
for
commercial-industrial
applications.
G
D
S


Similar Part No. - AP2308GEN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2308GEN-HF A-POWER-AP2308GEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Lower Gate Charge
More results

Similar Description - AP2308GEN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9408AGI A-POWER-AP9408AGI_14 Datasheet
158Kb / 5P
   Fast Switching Performance
AP90T03GI A-POWER-AP90T03GI_14 Datasheet
157Kb / 5P
   Fast Switching Performance
AP2344GN-HF A-POWER-AP2344GN-HF_14 Datasheet
55Kb / 4P
   Fast Switching Performance
AP4813GSM-HF A-POWER-AP4813GSM-HF_16 Datasheet
56Kb / 5P
   Fast Switching Performance
AP5521GM-HF A-POWER-AP5521GM-HF_16 Datasheet
90Kb / 8P
   Fast Switching Performance
AP4513GM-HF A-POWER-AP4513GM-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP4503GM-HF A-POWER-AP4503GM-HF_16 Datasheet
96Kb / 8P
   Fast Switching Performance
AP4506GEH-HF A-POWER-AP4506GEH-HF_16 Datasheet
87Kb / 8P
   Fast Switching Performance
AP6942GMT-HF A-POWER-AP6942GMT-HF_16 Datasheet
94Kb / 8P
   Fast Switching Performance
AP4537GYT-HF A-POWER-AP4537GYT-HF_16 Datasheet
129Kb / 8P
   Fast Switching Performance
AP9412GI-HF A-POWER-AP9412GI-HF Datasheet
67Kb / 5P
   Fast Switching Performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com