Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2323GN-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP2323GN-HF
Description  Small Package Outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2323GN-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP2323GN-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2323GN-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2323GN-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2323GN-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP2323GN-HF
65mΩ
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain
Current v.s. Ambient Temperature
4
0
1
2
3
4
5
6
0
4
8
121620
Q G , Total Gate Charge (nC)
I D = -4A
V DS = -10V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.2
DUTY=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
Rthja = 270℃/W
0
400
800
1200
1600
2000
1
5
9
1317
2125
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Operation in this
area limited by
RDS(ON)
0
4
8
12
16
20
01234
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -5V
0
1
2
3
4
5
6
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
T j = -40
o C
0.1
0.05
0.02
0.01


Similar Part No. - AP2323GN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2323GN-HF A-POWER-AP2323GN-HF_16 Datasheet
104Kb / 5P
   Small Package Outline
More results

Similar Description - AP2323GN-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
AP2323AGN-HF A-POWER-AP2323AGN-HF_14 Datasheet
104Kb / 4P
   Small Package Outline
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
   Small Package Outline
AP2301EN-HF A-POWER-AP2301EN-HF_14 Datasheet
102Kb / 4P
   Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF_16 Datasheet
65Kb / 5P
   Small Package Outline
AP1333GU-HF A-POWER-AP1333GU-HF_14 Datasheet
98Kb / 4P
   Small Package Outline
AP2323AGN-HF A-POWER-AP2323AGN-HF_16 Datasheet
102Kb / 5P
   Small Package Outline
AP2323GN-HF A-POWER-AP2323GN-HF_16 Datasheet
104Kb / 5P
   Small Package Outline
AP2622GY-HF A-POWER-AP2622GY-HF_16 Datasheet
99Kb / 5P
   Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com