Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0235L Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA0235L
Description  THT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0235L Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA0235L Datasheet HTML 1Page - Pulse A Technitrol Company PA0235L Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
82
SPM2007 (7/07)
1. The temperature of the component (ambient plus temperature rise)
must be within the stated operating temperature range.
2. The rated current is the current that will cause the temperature
of the part to increase by 40°C with 3.6 volt * µsec across the
component and 100LFM of forced air cooling.
3. To determine the inductance of a component at a different operating
current, use the graph below for the appropriate material type.
4. In high volt-µsec applications additional heating may occur due to
core losses in the inductor which may necessitate derating the
current in order to limit the temperature rise of the component. In
order to determine the approximate total losses (or temperature rise)
of the component in particular applications, the following formulas
can be used.
Estimated Temperature Rise:
Trise = AirFlowFactor * K5 * (Coreloss(W) + Copperloss(W)).833 (C)
Where
AirFlowFactor = 1 (no air flow), 0.53 (100LFM), 0.39 (200LFM), 0.35
(300LFM), 0.30 (400LFM)
CopperLoss = Irms2 * DCR_Typical (m
Ω) / 1000
DCR_Typical (m
Ω) = .85 * DCR_Max(from table)
CoreLoss = K2 * (Freq_kHz)K3 * (
ΔB/2000)K4
ΔB = K1 * Volt-µsec
Notes from Tables
Inductance vs Magnetizing Force
0
20
40
60
80
100
120
0
10 20304050 60708090 100 110 120
H-DC (Oe) = H1 * Current (A)
Material -8/90 (35µ)
Material -18 (55µ)
Material -52 (75µ)
THT POWER INDUCTORS
Toroid - Bare Coil Series
C
MAX
A
MAX
D
NOM
E
MAX
B
MAX
F
NOM
Mechanical
Schematic
Dimensions (in/mm)
Dimensions: Inches
mm
1
2
Part No.
A
B
C
D
E
F
PG0122
.807
.374
.748
.126
.098
.354
20,50
9,50
19,00
3,20
2,50
9,00
PG0123
.807
.413
.748
.126
.106
.354
20,50
10,50
19,00
3,20
2,68
9,00
PA0690
.625
.345
.545
.129
.052
.300
15,90
8,80
13,80
3,30
1,30
7,60
PA0235L
N/A
.400
.660
.150
.050
.300
10,20
16,80
3,80
1,30
7,60
PA0689
.625
.345
.545
.129
.052
.300
15,90
8,80
13,80
3,30
1,30
7,60
PA0430L
.874
.374
N/A
.250
N/A
.245
22,20
9,50
6,40
6,20
P1967L
.906
.492
.906
.130
.055
.300
23,00
12,50
23,00
3,30
1,40
7,60
PG0116
.571
.276
.571
.126
.041
.276
14,50
7,00
14,50
3,20
1,05
7,00
PA0489L
.604
.323
.556
.157
.048
.250
15,30
8,20
14,10
4,00
1,20
6,40
PG0112
.630
.374
.630
.126
.063
.295
16,00
9,50
16,00
3,20
1,60
7,50
P1715L
.610
.325
N/A
.130
.045
.300
15,50
8,30
3,30
1,10
7,60
PA0431L
.874
.374
N/A
.250
.054
.240
22,20
9,50
6,40
1,40
6,10
PA0432L
.980
.440
.980
.250
.054
.310
24,90
11,20
24,90
6,40
1,40
7,90


Similar Part No. - PA0235L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0235L PULSE-PA0235L Datasheet
414Kb / 2P
   THT Power Inductors
PA0235LNL PULSE-PA0235LNL Datasheet
414Kb / 2P
   THT Power Inductors
More results

Similar Description - PA0235L

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-51591NL PULSE-PE-51591NL_15 Datasheet
614Kb / 3P
   THT Power Inductors
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92112K PULSE-PE-92112K Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92116K PULSE-PE-92116K Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92414NL PULSE-PE-92414NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92103NL PULSE-PE-92103NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92117NL PULSE-PE-92117NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com