Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK105BJ223MV-F Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK105BJ223MV-F
Description  High Value Multilayer Ceramic Capacitors (High dielectric type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK105BJ223MV-F Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  EMK105BJ223MV-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK105BJ223MV-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105BJ223MV-F
Features
Item Summary
16V, X5R, 22000pF, ±20%, 0402
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Rated Voltage (max)
16V
Capacitance
22000pF
Capacitance Tolerance
±20%
Resistance
10,000 MΩ min.
Dielectric Loss Tangent
3.5%MAX
Temperature Characteristics (EIA/JIS)
X5R/B
Temperature Range (EIA/JIS)
-55 to +85℃/-25 to +85℃
Capacitance Change (EIA/JIS)
±15/±10%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1.0mm ±0.05
W
0.5mm ±0.05
T
0.5mm ±0.05
e
0.25mm ±0.10
2014.11.25
1 / 1


Similar Part No. - EMK105BJ223MV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK105BJ223MVHF TAIYO-YUDEN-EMK105BJ223MVHF Datasheet
289Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - EMK105BJ223MV-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK042BJ472MC-W TAIYO-YUDEN-LMK042BJ472MC-W Datasheet
288Kb / 2P
   Value Multilayer Ceramic Capacitors (High dielectric type)
LMK316F226ZL-T TAIYO-YUDEN-LMK316F226ZL-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK107BJ105KA-T TAIYO-YUDEN-LMK107BJ105KA-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK325BJ226MM-T TAIYO-YUDEN-LMK325BJ226MM-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
CEJMK212BJ476MG-T TAIYO-YUDEN-CEJMK212BJ476MG-T Datasheet
137Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ105KV-F TAIYO-YUDEN-TMK105BJ105KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ153MV-F TAIYO-YUDEN-TMK105BJ153MV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104MV-F TAIYO-YUDEN-GMK105BJ104MV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ472MP-F TAIYO-YUDEN-TMK063BJ472MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ223MP-F TAIYO-YUDEN-LMK063BJ223MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105F473ZV-F TAIYO-YUDEN-EMK105F473ZV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com