Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2451GY-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2451GY-HF
Description  RoHS Compliant & Halogen-Free
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2451GY-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2451GY-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2451GY-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2451GY-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2451GY-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2451GY-HF_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2451GY-HF_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2451GY-HF_14 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP2451GY-HF
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-20
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
0.01
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-4A
-
-
57
VGS=-4.5V, ID=-3A
-
-
75
VGS=-2.5V, ID=-1A
-
-
105
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-0.5
-
-1.2
V
gfs
Forward Transconductance
VDS=-5V, ID=-3A
-
10
-
S
IDSS
Drain-Source Leakage Current
VDS=-20V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC) V
DS=-16V ,VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS=+12V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=-3A
-
11
18
nC
Qgs
Gate-Source Charge
VDS=-16V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
4
-
nC
td(on)
Turn-on Delay Time
2
VDS=-10V
-
10
-
ns
tr
Rise Time
ID=-1A
-
16
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-5V
-
26
-
ns
tf
Fall Time
RD=10Ω
-16
-
ns
Ciss
Input Capacitance
VGS=0V
-
740
1180
pF
Coss
Output Capacitance
VDS=-20V
-
160
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
130
-
pF
Rg
Gate Resistance
f=1.0MHz
-
6.6
10
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD
Forward On Voltage
2
IS=-1.2A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=3A, VGS=0V,
-
29
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
20
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board , t <5sec ; 155℃/W at steady state.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
3
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED


Similar Part No. - AP2451GY-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2451GY-HF A-POWER-AP2451GY-HF_16 Datasheet
95Kb / 8P
   RoHS Compliant & Halogen-Free
More results

Similar Description - AP2451GY-HF_14

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
   RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
   RoHS compliant & Halogen free
logo
Advanced Power Electron...
AP4224LGM A-POWER-AP4224LGM_16 Datasheet
113Kb / 6P
   RoHS Compliant & Halogen-Free
AP95T10GP-HF A-POWER-AP95T10GP-HF_16 Datasheet
67Kb / 5P
   RoHS Compliant & Halogen-Free
AP97T07GP-HF A-POWER-AP97T07GP-HF_16 Datasheet
99Kb / 5P
   RoHS Compliant & Halogen-Free
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
   RoHS Compliant & Halogen-Free
AP2301AGN-HF A-POWER-AP2301AGN-HF_16 Datasheet
66Kb / 5P
   RoHS Compliant & Halogen-Free
AP2625GY-HF A-POWER-AP2625GY-HF_16 Datasheet
68Kb / 5P
   RoHS Compliant & Halogen-Free
logo
Shanghai Leiditech Elec...
SMD2920P100TF-60 LEIDITECH-SMD2920P100TF-60 Datasheet
424Kb / 4P
   RoHS Compliant & Halogen Free
logo
Advanced Power Electron...
AP9926GM-HF A-POWER-AP9926GM-HF_14 Datasheet
66Kb / 4P
   RoHS Compliant & Halogen-Free
AP2611GYT-HF A-POWER-AP2611GYT-HF_14 Datasheet
56Kb / 4P
   RoHS Compliant & Halogen-Free
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com