Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2602GY-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2602GY-HF
Description  Lower On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2602GY-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2602GY-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2602GY-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2602GY-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2602GY-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Capable of 2.5V Gate Drive
BVDSS
20V
▼ Lower On-resistance
RDS(ON)
34mΩ
▼ Surface Mount Package
ID
6.3A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
℃/W
Data and specifications subject to change without notice
201102184
1
AP2602GY-HF
Halogen-Free Product
Parameter
Rating
Drain-Source Voltage
20
Gate-Source Voltage
+12
Continuous Drain Current
3, V
GS @ 4.5V
6.3
Continuous Drain Current
3, V
GS @ 4.5V
5
Pulsed Drain Current
1
30
Total Power Dissipation
2
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.016
Thermal Data
Parameter
Storage Temperature Range
G
D
S
Advanced Power MOSFETs utilized advanced processing techniques
to achieve the lowest possible on-resistance, extremely efficient and
cost-effectiveness device.
The SOT-26 package is widely used for commercial-industrial
applications.
D
D
D
D
G
S
SOT-26


Similar Part No. - AP2602GY-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2602GY-HF A-POWER-AP2602GY-HF_16 Datasheet
64Kb / 5P
   Surface Mount Package
More results

Similar Description - AP2602GY-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4961GM A-POWER-AP4961GM_14 Datasheet
64Kb / 4P
   Lower On-resistance
AP2306AGN-HF A-POWER-AP2306AGN-HF_14 Datasheet
112Kb / 5P
   Lower on-resistance
AP2306CGN-HF A-POWER-AP2306CGN-HF_14 Datasheet
99Kb / 4P
   Lower on-resistance
AP2312GN A-POWER-AP2312GN_14 Datasheet
72Kb / 4P
   Lower on-resistance
AP6679GSP-HF A-POWER-AP6679GSP-HF_14 Datasheet
102Kb / 4P
   Lower On-resistance
AP9938GEY-HF A-POWER-AP9938GEY-HF_14 Datasheet
97Kb / 4P
   Lower on-resistance
AP9976GM A-POWER-AP9976GM_14 Datasheet
102Kb / 4P
   Lower On-resistance
AP2R803GM-HF A-POWER-AP2R803GM-HF_14 Datasheet
118Kb / 4P
   Lower On-resistance
AP9120GH-HF A-POWER-AP9120GH-HF_14 Datasheet
68Kb / 4P
   Lower On-resistance
AP9938GEY-HF A-POWER-AP9938GEY-HF_16 Datasheet
103Kb / 5P
   Lower on-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com