Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NES1823P-45 Datasheet(PDF) 6 Page - NEC

Part # NES1823P-45
Description  45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NES1823P-45 Datasheet(HTML) 6 Page - NEC

  NES1823P-45 Datasheet HTML 1Page - NEC NES1823P-45 Datasheet HTML 2Page - NEC NES1823P-45 Datasheet HTML 3Page - NEC NES1823P-45 Datasheet HTML 4Page - NEC NES1823P-45 Datasheet HTML 5Page - NEC NES1823P-45 Datasheet HTML 6Page - NEC NES1823P-45 Datasheet HTML 7Page - NEC NES1823P-45 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Data Sheet P14752EJ1V0DS00
6
NES1823P-45
RECOMMENDED MOUNTING CONDITIONS FOR CORRECT USE
(1) Fix to heat sink or mount surface completely with screws at the four holes of the flange.
(2) The recommended torque strength of the screws is 30 N typical using M2.3 type screws.
(3) The recommended flatness of the mount surface is less than
±10
µm (roughness of surface is ∇∇∇).
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Partial Heating
Pin temperature: 260
°C or below,
Time: 5 seconds or less (per pin row)
For details of recommended soldering conditions, please contact your local NEC sales office.


Similar Part No. - NES1823P-45

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES1823P-45 RENESAS-NES1823P-45 Datasheet
184Kb / 10P
   N-CHANNEL GaAs MES FET
2000
More results

Similar Description - NES1823P-45

ManufacturerPart #DatasheetDescription
logo
NEC
NES2427P-45 NEC-NES2427P-45 Datasheet
46Kb / 8P
   45 W S-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
   140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
   30 W L-S BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
   GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
logo
NEC
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
   50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2427P-60 NEC-NES2427P-60 Datasheet
44Kb / 8P
   60 W S-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
   GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-240 RENESAS-NES1823M-240 Datasheet
299Kb / 13P
   GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com