Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-92116 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-92116
Description  THT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-92116 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-92116 Datasheet HTML 1Page - Pulse A Technitrol Company PE-92116 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C
Available in vertical, low profile and
KlipMount™
SMPS averaging filter
Characterized for general purpose use and
ripple filters
Single-layer designs
Can be used as differential mode inductors
in EMI filters3
THT POWER INDUCTORS
Toroid - Vertical, Low Profile and
KlipMount
REFERENCE OPERATING VALUES
DESIGN CONTROL VALUES
Vertical6
Low Profile Inductance1
Energy4
Inductance
20kHz
Coil
Klip*
Lead
Part
Part
Typical
IDC
ETOP
Storage
No DC (µH)
Test mV
DCR5
Size
Mount
Diameter
Number
Number
(µH)
(AMPS)
(V-µSec)
(µJ)
±20%
No DC2
(
Ω MAX)
Code
Package
(In) ±.003
PE-51591
20
2.0
52
40
32.8
33
.060
H
.020
PE-92100
25
2.6
30
85
20.7
22
.043
A
KM1
.020
PE-92101
PE-92401
50
2.6
50
169
45.7
45
.071
B
KM2
.020
PE-92102
PE-92402
100
2.6
90
338
94.1
90
.100
C
KM3
.020
PE-92103
35
2.6
55
118
28.4
36
.037
B
KM2
.025
PE-92104
PE-92404
70
3.0
85
315
61.0
73
.052
C
KM3
.025
PE-92105
PE-92405
145
3.0
140
653
141.8
140
.087
D
KM4
.025
PE-92106
285
3.0
300
1283
264.1
340
.140
E
KM5
.025
PE-92107
450
3.0
425
2025
436.3
500
.200
F
.025
PE-92108
PE-92408
67
3.6
130
648
90.7
110
.045
D
KM4
.032
PE-92109
165
4.0
240
1320
152.0
260
.070
E
KM5
.032
PE-92110
270
4.0
350
2160
263.9
400
.100
F
.032
PE-92111
40
4.0
70
320
37.9
57
.027
C
KM3
.032
PE-51590
22
5.0
44
275
20.3
37
.020
G
.032
PE-92112
PE-92412
100
5.0
200
1250
90.7
180
.034
E
KM5
.042
PE-92113
170
5.0
300
2125
159.7
310
.050
F
.042
PE-92114
PE-92414
35.6
5.0
100
688
55.6
88
.023
D
KM4
.042
PE-92115
95
7.0
225
2328
96.0
200
.025
F
.051
PE-92116
PE-92416
55
7.0
150
1348
49.1
100
.017
E
KM5
.051
PE-92117
55
10.0
175
2750
55.9
120
.013
F
.064
*Parts available with
KlipMount option can be ordered by adding a "K" suffix to the part number (i.e. PE-92100K).
Inductance vs. DC Current
(at reference ET)
0
.25
.50
.75 1.00 1.25 1.50
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
Temp. Rise
>40°C
Relationships Between Reference and Operating Conditions
OPERATING DC CURRENT
REFERENCE IDC
Inductance vs. Operating ET
(at reference IDC)
0
.25
.50
.75 1.00 1.25 1.50
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
Temp. Rise
>40°C
OPERATING ET
REFERENCE ET
Max. Operating ET vs. Frequency
(at reference IDC)
0
20
30
40
506070
80
90
100
2.00
1.75
1.50
1.25
1.00
.75
.50
.25
OPERATING FREQUENCY — kHz
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
P635.A (4/06)


Similar Part No. - PE-92116

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92116 PULSE-PE-92116 Datasheet
92Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92116 PULSE-PE-92116 Datasheet
100Kb / 2P
   THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
More results

Similar Description - PE-92116

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-51591NL PULSE-PE-51591NL_15 Datasheet
614Kb / 3P
   THT Power Inductors
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
P1715L PULSE-P1715L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92112K PULSE-PE-92112K Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92116K PULSE-PE-92116K Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92414NL PULSE-PE-92414NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92103NL PULSE-PE-92103NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com