Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIS40-1R5M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCIS40-1R5M-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCIS40-1R5M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCIS40-1R5M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCIS40-1R0M-RC
PCIS40-1R5M-RC
PCIS40-2R2M-RC
PCIS40-3R3M-RC
PCIS40-4R7M-RC
PCIS40-6R8M-RC
PCIS40-100M-RC
PCIS40-150M-RC
PCIS40-220M-RC
PCIS40-330M-RC
PCIS40-470M-RC
3
5
5
5
10
10
10
15
20
20
20
.021
.022
.032
.039
.054
.075
.101
.150
.207
.334
.472
5.6
5.2
5.0
3.9
3.2
2.8
2.4
2.0
1.6
1.4
1.0
110
90
60
55
30
30
28
20
15
12
10
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
100
100
100
100
100
100
100
100
100
100
100
5.0
4.5
3.8
3.3
2.7
2.2
2.0
1.5
1.3
1.1
0.8
PCIS40 Power Chip Shielded Inductors
Features
Electrical
Inductance Range: 1.0µh to 47µh.
Tolerance: ±20% over the entire
inductance range.
Test Frequency: Inductance and Q
measured at 100KHz, 0.1Vrms.
Operating Temp.Range: i-40°C to +85ºC
Inductance Drop: 10% typical at rated
Isat.
i
0 to
2000) x 10 -6°C.
Physical
Marking: Color Code using standard EIA
three dot system.
Packaging: 1000 pieces per 13 inch reel.
All specifications subject to change without notice.
Allied
Part
Number
Q
Min.
DCR
Max.
(Ω)
Isat
(A)
SRF
Reference
(MHz)
Inductance
(µh)
Q Test
Frequency
(KHz)
Irms
(A)
3rd
2nd
1st
RoHS
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
0.510
(12.95)
MAX.
0.370
(9.40)
MAX.
0.300
(7.62)
0.200
(5.08)
MAX.
0.100
(2.54)
0.100
(2.54)
0.290
(7.37)
0.115
(2.92)
0.110
(2.79)
Dimensions:
Inches
(mm)
Temperature Rise: T=40ºC rise
typical at Irms.
• Minimum power loss can help
• High energy storage and very low
• Designed with high heat resistant
• Flat top for pick and place assembly.
• Magnetically Shielded
increase battery life.
DCR.
materials for reflow operation.
• Small size for high mounting
density.
Revised 03-25-08


Similar Part No. - PCIS40-1R5M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCIS40-1R5M-RC ALLIED-PCIS40-1R5M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCIS40-1R5M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com