Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS6D28-220N-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS6D28-220N-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS6D28-220N-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS6D28-220N-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS6D28
15
RDC
(Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS6D28-3R0N-RC
PCS6D28-3R9N-RC
PCS6D28-4R7N-RC
PCS6D28-5R0N-RC
PCS6D28-6R0N-RC
PCS6D28-7R3N-RC
PCS6D28-100N-RC
PCS6D28-120N-RC
PCS6D28-150N-RC
PCS6D28-180N-RC
PCS6D28-220N-RC
PCS6D28-270N-RC
PCS6D28-330N-RC
PCS6D28-390N-RC
3.0
3.9
4.7
5.0
6.0
7.3
10
12
15
18
22
27
33
39
30
30
30
30
30
30
30
30
30
30
30
30
30
30
10
10
10
10
10
10
10
10
10
10
10
10
10
10
.024
.027
.031
.031
.035
.054
.065
.070
.084
.095
.128
.142
.165
.210
3.00
2.60
2.40
2.40
2.25
2.10
1.70
1.55
1.40
1.32
1.20
1.05
0.97
0.86
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS6D28-6R8N-RC
6.8
30
10
.050
2.15
PCS6D28-8R6N-RC
8.6
30
10
.058
1.85
(A)
PCS6D28-560N-RC
PCS6D28-680N-RC
PCS6D28-820N-RC
PCS6D28-101N-RC
PCS6D28-221N-RC
56
68
82
100
220
30
30
30
30
30
10
10
10
10
10
.277
.304
.390
.535
1.30
0.73
0.65
0.60
0.54
0.30
PCS6D28-470N-RC
47
30
10
.238
0.80
Max.
All specifications subject to change wtihout notice.
KHz, 1V
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
• Low rofile
Electrical
Inductance Range: 3µh to 220µh
Tolerance:
30% over entire range
Operating Temp: -30ºC ~ +100ºC
Rated Current: Current at which inductance
drop by 35% of intial value or
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for
10 sec. +/- 1 sec.
Test Equipment
(L):
HP4284A LF Impedance Analyzer
(RDC): Chen Hwa 502
Rated Current: HP4284+HP42841A or
Chen Hwa 1061 + Chen Hwa 301A
Physical
Packaging: 1500 pieces per 13 inch reel.
Marking: EIA Inductance Code
∆ T=40ºC lower,
whichever is lower
Also, available in tighter tolerances
REVISED 7/22/11
Storage Temp: Under 25ºC
Dimensions:
Inches
(mm)


Similar Part No. - PCS6D28-220N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS6D28-220N-RC ALLIED-PCS6D28-220N-RC Datasheet
360Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS6D28-220N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com