Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS645 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LS645
Description  Octal Bus Transceivers(non-inverted 3-state outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS645 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HD74LS645 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS645 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS645 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS645 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS645 Datasheet HTML 5Page - Hitachi Semiconductor HD74LS645 Datasheet HTML 6Page - Hitachi Semiconductor HD74LS645 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-20DB
Conforms
0.52 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.12
0.15
0
° – 8°
M
20
11
1
1.27
10
12.8
13.2 Max
*0.42
± 0.08
+ 0.57
– 0.30
0.70
+ 0.25
– 0.40
10.40
1.45
0.935 Max
0.40
± 0.06


Similar Part No. - HD74LS645

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS645 HITACHI-HD74LS645 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS645 RENESAS-HD74LS645 Datasheet
79Kb / 7P
   Octal Bus Transceivers (non-inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74LS645-1 HITACHI-HD74LS645-1 Datasheet
59Kb / 5P
   Octal Bus Transceivers(non-inverted-3state outputs)
HD74LS645-1 HITACHI-HD74LS645-1 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS645-1 RENESAS-HD74LS645-1 Datasheet
183Kb / 7P
   Octal Bus Transceivers (non-inverted 3-state outputs)
More results

Similar Description - HD74LS645

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS645 RENESAS-HD74LS645 Datasheet
79Kb / 7P
   Octal Bus Transceivers (non-inverted 3-state outputs)
HD74LS645-1 RENESAS-HD74LS645-1 Datasheet
183Kb / 7P
   Octal Bus Transceivers (non-inverted 3-state outputs)
HD74LS640 RENESAS-HD74LS640 Datasheet
80Kb / 7P
   Octal Bus Transceivers (inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
   Octal Bus Transceivers(inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
   Octal Bus Transceivers(with inverted 3-state outputs)
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
   Octal Bus Transceivers (with inverted 3-state outputs)/
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com