Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS85P Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74LS85P
Description  4-bit Magnitude Comparators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS85P Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74LS85P Datasheet HTML 1Page - Hitachi Semiconductor HD74LS85P Datasheet HTML 2Page - Hitachi Semiconductor HD74LS85P Datasheet HTML 3Page - Hitachi Semiconductor HD74LS85P Datasheet HTML 4Page - Hitachi Semiconductor HD74LS85P Datasheet HTML 5Page - Hitachi Semiconductor HD74LS85P Datasheet HTML 6Page - Hitachi Semiconductor HD74LS85P Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74LS85P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS85P RENESAS-HD74LS85P Datasheet
81Kb / 7P
   4-bit Magnitude Comparator
More results

Similar Description - HD74LS85P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54LS85 TI1-54LS85 Datasheet
405Kb / 10P
[Old version datasheet]   4-Bit Magnitude Comparators
SN5485 TI-SN5485 Datasheet
322Kb / 8P
[Old version datasheet]   4-BIT MAGNITUDE COMPARATORS
SN74LS85NSR TI1-SN74LS85NSR Datasheet
658Kb / 10P
[Old version datasheet]   4-BIT MAGNITUDE COMPARATORS
logo
National Semiconductor ...
DM7485 NSC-DM7485 Datasheet
143Kb / 6P
   4-Bit Magnitude Comparators
54LS85 NSC-54LS85 Datasheet
155Kb / 8P
   4-Bit Magnitude Comparators
logo
Texas Instruments
SN5485 TI1-SN5485_12 Datasheet
658Kb / 10P
[Old version datasheet]   4-BIT MAGNITUDE COMPARATORS
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com