Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC60-102K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RDC60-102K-RC
Description  Radial Drum Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RDC60-102K-RC Datasheet(HTML) 1 Page - Allied Components International

  RDC60-102K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RDC60 Radial Drum Core Inductors
Features
• High Current / Radial Power Line Choke
• Drum Core Design
• Hole Clearance for 1/4 Screw
Electrical
Inductance Range: 4.7µH to 47,000µH
Tolerance: 20% for 4.7µH to 8.2µH and
°C for
Test Equipment
(L): HP 4263A @ 1Khz
(DCR): HP 4263A
Physical
Packaging: Box Trays
All specifications subject to change without notice.
D
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Allied
Part
Number
(L)
(µh)
DCR
Max.
Saturation
Current
(A) DC
Tolerance
(Ω)
RDC60-4R7M-RC
4.7
20
.002
149.9
0.105
RDC60-5R6M-RC
5.6
20
.002
122.7
0.105
RDC60-6R8M-RC
6.8
20
.003
103.8
0.105
RDC60-8R2M-RC
8.2
20
.003
90.0
0.105
RDC60-100K-RC
10
10
.003
79.4
0.105
RDC60-120K-RC
12
10
.004
71.0
0.105
RDC60-150K-RC
15
10
.004
64.3
0.105
RDC60-180K-RC
18
10
.005
58.7
0.105
RDC60-220K-RC
22
10
.005
54.0
0.105
RDC60-270K-RC
27
10
.006
50.0
0.105
RDC60-330K-RC
33
10
.006
46.5
0.105
RDC60-390K-RC
39
10
.006
43.5
0.105
RDC60-470K-RC
47
10
.008
40.9
0.105
RDC60-560K-RC
56
10
.009
36.5
0.105
RDC60-680K-RC
68
10
.009
32.9
0.105
RDC60-820K-RC
82
10
.010
30.0
0.105
RDC60-101K-RC
100
10
.014
26.5
0.094
RDC60-121K-RC
120
10
.015
24.5
0.094
RDC60-151K-RC
150
10
.023
21.4
0.084
RDC60-181K-RC
180
10
.025
19.5
0.084
RDC60-221K-RC
220
10
.028
18.0
0.084
RDC60-271K-RC
270
10
.030
16.2
0.084
RDC60-331K-RC
330
10
.040
14.8
0.075
RDC60-391K-RC
390
10
.055
13.6
0.068
RDC60-471K-RC
470
10
.061
12.3
0.068
RDC60-561K-RC
560
10
.068
11.3
0.068
2.00
(50.8)
MAX.
1.5
(38.10)
MAX.
MIN.
0.50
(12.7)
2.00
(50.8)
MAX.
Dimensions:
Inches
(mm)
Operating Temp: -55ºC ~ +125ºC
Rated
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0.
35.0
27.0
27.0
21.0
21.0
21.0
21.0
17.0
13.5
13.5
13.5
Current
(A)
Dimension
(D)
1.40
1.40
1.40
1.40
1.48
1.48
1.48
1.48
1.48
1.48
1.48
1.48
1.48
1.48
1.48
1.48
1.53
1.53
1.49
1.49
1.49
1.49
1.31
1.31
1.31
1.40
E
Saturation Current: Lowers Inductance by 5%
Marking: EIA Inductance Code
4/23/12
Whole Clearance
for 1/4 Screw
@ 1Khz
RDC60-681K-RC
680
10
.094
10.3
0.060
RDC60-821K-RC
820
10
.104
9.4
0.060
RDC60-102K-RC
1000
10
.143
8.5
0.054
RDC60-122K-RC
1200
10
.156
7.7
0.054
RDC60-152K-RC
1500
10
.219
6.8
0.048
RDC60-182K-RC
1800
10
.241
6.3
0.048
RDC60-222K-RC
2200
10
.270
5.7
0.048
RDC60-272K-RC
2700
10
.364
5.1
0.043
RDC60-332K-RC
3300
10
.498
4.6
0.039
RDC60-392K-RC
3900
10
.548
4.2
0.039
RDC60-472K-RC
4700
10
.608
4.5
0.039
RDC60-562K-RC
5600
10
.671
4.5
0.039
RDC60-682K-RC
6800
10
.750
3.2
0.039
RDC60-822K-RC
8200
10
1.03
2.9
0.035
RDC60-103K-RC
10000
10
1.16
2.6
0.035
RDC60-123K-RC
12000
10
1.54
2.4
0.031
RDC60-153K-RC
15000
10
1.75
2.2
0.031
11.4
11.4
9.0
9.0
7.2
7.2
7.2
5.5
4.5
4.5
4.5
4.5
4.5
4.0
4.0
2.8
2.8
1.42
1.42
1.36
1.36
1.31
1.31
1.40
1.36
1.24
1.32
1.32
1.36
1.40
1.45
1.45
1.40
1.40
• UL VW-1 Shrink Tube Cover
10% for 10µH to 47,000µH
Dimension
(E)
RDC60-183K-RC
18000
10
1.94
2.0
0.028
RDC60-223K-RC
22000
10
2.74
1.8
0.028
RDC60-273K-RC
27000
10
3.71
1.6
0.025
RDC60-333K-RC
33000
10
4.16
1.5
0.025
RDC60-393K-RC
39000
10
5.56
1.4
0.025
RDC60-473K-RC
47000
10
6.19
1.2
0.022
2.8
2.0
1.7
1.7
1.4
1.4
1.45
1.37
1.37
1.37
1.35
1.35


Similar Part No. - RDC60-102K-RC

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RDC-10-122-75X MINI-RDC-10-122-75X Datasheet
458Kb / 3P
   Directional Coupler
RDC-10-122-75X++ MINI-RDC-10-122-75X+ Datasheet
458Kb / 3P
   Directional Coupler
RDC-10-182-75X MINI-RDC-10-182-75X Datasheet
460Kb / 3P
   Directional Coupler
RDC-10-182-75X++ MINI-RDC-10-182-75X+ Datasheet
460Kb / 3P
   Directional Coupler
RDC-16-182-75++ MINI-RDC-16-182-75+ Datasheet
471Kb / 4P
   Directional Coupler
REV. A
More results

Similar Description - RDC60-102K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
   Radial Drum Core Inductors
RDC20-1R0T-RC ALLIED-RDC20-1R0T-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC30-1R0K-RC ALLIED-RDC30-1R0K-RC Datasheet
793Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com