Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC50-332K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RDC50-332K-RC
Description  Radial Drum Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RDC50-332K-RC Datasheet(HTML) 1 Page - Allied Components International

  RDC50-332K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RDC50 Radial Drum Core Inductors
Features
• High Current / Power Line Choke
• Drum Core Design
• UL VW-1 Shrink Tube Cover
Electrical
Inductance Raange: 1.8µH to 15000µH
Tolerance: 10% over entire range
°C for
Test Equipment
(L): HP 4263A @ 1Khz
(DCR): HP 4263A
Physical
Packaging: Box Trays
All specifications subject to change without notice.
D
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Allied
Part
Number
(L)
(µh)
DCR
Max.
Saturation
Current
(A) DC
Dimension
(D)
Tolerance
(Ω)
RDC50-1R8K-RC
1.8
10
.002
155.0
1.11
RDC50-2R2K-RC
2.2
10
.002
155.0
1.11
RDC50-2R7K-RC
2.7
10
.002
125.0
1.11
RDC50-3R3K-RC
3.3
10
.002
125.0
1.11
RDC50-3R9K-RC
3.9
10
.003
102.0
1.11
RDC50-4R7K-RC
4.7
10
.003
87.0
1.11
RDC50-5R6K-RC
5.6
10
.003
87.0
1.11
RDC50-6R8K-RC
6.8
10
.003
87.0
1.11
RDC50-8R2K-RC
8.2
10
.003
76.0
1.11
RDC50-100K-RC
10
10
.004
67.0
1.11
RDC50-120K-RC
12
10
.004
60.0
1.16
RDC50-150K-RC
15
10
.005
49.0
1.16
RDC50-180K-RC
18
10
.007
45.0
1.16
RDC50-220K-RC
22
10
.007
42.0
1.16
RDC50-270K-RC
27
10
.008
35.0
1.16
RDC50-330K-RC
33
10
.009
34.0
1.16
RDC50-390K-RC
39
10
.010
30.0
1.16
RDC50-470K-RC
47
10
.011
28.0
1.16
RDC50-560K-RC
56
10
.013
26.0
1.16
RDC50-680K-RC
68
10
.015
23.0
1.25
RDC50-820K-RC
82
10
.017
20.0
1.28
RDC50-101K-RC
100
10
.018
19.0
1.25
RDC50-121K-RC
120
10
.022
18.0
1.16
RDC50-151K-RC
150
10
.025
16.0
1.16
RDC50-181K-RC
180
10
.035
14.0
1.10
RDC50-221K-RC
220
10
.040
13.0
1.10
RDC50-271K-RC
270
10
.044
11.0
1.10
RDC50-331K-RC
330
10
.049
10.0
1.11
RDC50-391K-RC
390
10
.070
9.7
1.15
RDC50-471K-RC
470
10
.078
8.8
1.07
RDC50-561K-RC
560
10
.105
8.1
1.07
1.50
(38.10)
MAX.
1.45
(36.83)
MAX.
0.25 ± .03
(6.35 ± .762)
1.50
(38.10)
MAX.
Dimensions:
Inches
(mm)
Operating Temp: -55ºC ~ +125ºC
Rated
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
35.0
27.0
27.0
27.0
27.0
27.0
27.4
21.0
21.0
.21.0
21.0
17.0
17.0
13.5
13.5
13.5
13.5
11.4
11.4
9.0
Current
(A)
Dimension
(E)
0.105
0.105
0.105
0.105
0.105
0.105
0.105
0.105
0.105
0.105
0.105
0.105
0.094
0.094
0.094
0.094
0.094
0.094
0.084
0.084
0.084
0.084
0.075
0.075
0.068
0.068
0.068
0.068
0.060
0.060
0.054
E
Saturation Current: Lowers Inductance by 5%
Marking: EIA Inductance Code
REVISED 07/28/11
Whole Clearance
for 8/32 Screw
@ 1Khz
RDC50-681K-RC
680
10
.115
7.4
1.07
RDC50-821K-RC
820
10
.127
6.7
1.12
RDC50-102K-RC
1000
10
.176
6.1
1.12
RDC50-122K-RC
1200
10
.195
5.5
1.12
RDC50-152K-RC
1500
10
.274
5.0
1.12
RDC50-182K-RC
1800
10
.302
4.5
1.13
RDC50-222K-RC
2200
10
.338
4.1
1.16
RDC50-272K-RC
2700
10
.459
3.7
1.02
RDC50-332K-RC
3300
10
.642
3.4
1.02
RDC50-392K-RC
3900
10
.699
3.0
1.14
RDC50-472K-RC
4700
10
.775
2.8
1.14
RDC50-562K-RC
5600
10
.843
2.6
1.14
RDC50-682K-RC
6800
10
1.15
2.3
1.06
RDC50-822K-RC
8200
10
1.26
2.1
1.16
RDC50-103K-RC
10000
10
1.74
1.9
1.13
RDC50-123K-RC
12000
10
1.92
1.7
1.13
RDC50-153K-RC
15000
10
2.17
1.5
1.13
9.0
9.0
7.2
7.2
5.5
5.5
.5.5
4.5
4.0
4.0
4.0
4.0
2.8
2.8
2.0
2.0
2.0
0.054
0.054
0.048
0.048
0.043
0.043
0.043
0.039
0.035
0.035
0.035
0.035
0.031
0.031
0.028
0.028
0.028


Similar Part No. - RDC50-332K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC50-330K-RC ALLIED-RDC50-330K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC50-331K-RC ALLIED-RDC50-331K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC50-332K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC20-1R0T-RC ALLIED-RDC20-1R0T-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC30-1R0K-RC ALLIED-RDC30-1R0K-RC Datasheet
793Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com