Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV11A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74LV11A
Description  Triple 3-input Positive AND Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV11A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LV11A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV11A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HD74LV11A
Triple 3-input Positive AND Gates
ADE-205-252 (Z)
1st Edition
March 1999
Description
The HD74LV11A performs the Boolean functions Y = A•B•C or Y =
A+B+C in positive logic.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook
computers), and the low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
Function Table
Inputs
A
B
C
Output Y
HHH
H
LX
XL
X
LXL
XXL
L
Note:
H: High level
L: Low level
X: Immaterial


Similar Part No. - HD74LV11A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV11A RENESAS-HD74LV11A Datasheet
68Kb / 8P
   Triple 3-input Positive AND Gates
HD74LV11AFPEL RENESAS-HD74LV11AFPEL Datasheet
68Kb / 8P
   Triple 3-input Positive AND Gates
HD74LV11AFPEL RENESAS-HD74LV11AFPEL Datasheet
92Kb / 10P
   Triple 3-input Positive AND Gates
HD74LV11ARPEL RENESAS-HD74LV11ARPEL Datasheet
68Kb / 8P
   Triple 3-input Positive AND Gates
HD74LV11ARPEL RENESAS-HD74LV11ARPEL Datasheet
92Kb / 10P
   Triple 3-input Positive AND Gates
More results

Similar Description - HD74LV11A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI-SN54HC11 Datasheet
518Kb / 15P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LS11 TI-SN54LS11 Datasheet
179Kb / 7P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54HC11 TI1-SN54HC11_15 Datasheet
878Kb / 19P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54F11 TI1-SN54F11_14 Datasheet
778Kb / 16P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN74HC11 TI-SN74HC11_07 Datasheet
665Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
SN54ALS11A TI-SN54ALS11A_08 Datasheet
690Kb / 17P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com