Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV126 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LV126
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV126 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LV126 Datasheet HTML 2Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 3Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 4Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 5Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 6Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 7Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 8Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 9Page - Hitachi Semiconductor HD74LV126 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HD74LV126A
6
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propa-
gation
delay
time
t
PLH
t
PHL
7.1
13.0
1.0
15.5
ns
C
L = 15 pF
A
Y
9.2
16.5
1.0
18.5
C
L = 50 pF
Enable
time
t
ZH
t
ZL
7.4
13.0
1.0
15.5
ns
C
L = 15 pF
OE
Y
9.5
16.5
1.0
18.5
C
L = 50 pF
Disable
time
t
HZ
t
LZ
5.7
14.7
1.0
17.0
ns
C
L = 15 pF
OE
Y
8.1
18.2
1.0
20.5
C
L = 50 pF
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propa-
gation
delay
time
t
PLH
t
PHL
5.0
8.0
1.0
9.5
ns
C
L = 15 pF
A
Y
6.4
11.5
1.0
13.0
C
L = 50 pF
Enable
time
t
ZH
t
ZL
5.1
8.0
1.0
9.5
ns
C
L = 15 pF
OE
Y
6.6
11.5
1.0
13.0
C
L = 50 pF
Disable
time
t
HZ
t
LZ
4.4
9.7
1.0
11.5
ns
C
L = 15 pF
OE
Y
6.1
13.2
1.0
15.0
C
L = 50 pF


Similar Part No. - HD74LV126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126AFPEL RENESAS-HD74LV126AFPEL Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126AFPEL RENESAS-HD74LV126AFPEL Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126ARPEL RENESAS-HD74LV126ARPEL Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126ARPEL RENESAS-HD74LV126ARPEL Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results

Similar Description - HD74LV126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com