Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA604AD01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA604AD01
Description  High performance low power FM IF system
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA604AD01 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA604AD01 Datasheet HTML 1Page - NXP Semiconductors SA604AD01 Datasheet HTML 2Page - NXP Semiconductors SA604AD01 Datasheet HTML 3Page - NXP Semiconductors SA604AD01 Datasheet HTML 4Page - NXP Semiconductors SA604AD01 Datasheet HTML 5Page - NXP Semiconductors SA604AD01 Datasheet HTML 6Page - NXP Semiconductors SA604AD01 Datasheet HTML 7Page - NXP Semiconductors SA604AD01 Datasheet HTML 8Page - NXP Semiconductors SA604AD01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
SA604A
High performance low power FM IF system
2
1997 Nov 07
853-1431 18663
DESCRIPTION
The SA604A is an improved monolithic low-power FM IF system
incorporating two limiting intermediate frequency amplifiers,
quadrature detector, muting, logarithmic received signal strength
indicator, and voltage regulator. The SA604A features higher IF
bandwidth (25MHz) and temperature compensated RSSI and
limiters permitting higher performance application compared with the
SA604. The SA604A is available in a 16-lead SO (surface-mounted
miniature) package.
FEATURES
Low power consumption: 3.3mA typical
Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
Two audio outputs - muted and unmuted
Low external component count; suitable for crystal/ceramic filters
Excellent sensitivity: 1.5µV across input pins (0.22µV into 50Ω
matching network) for 12dB SINAD (Signal to Noise and Distortion
ratio) at 455kHz
SA604A meets cellular radio specifications
PIN CONFIGURATION
D Package
IF AMP DECOUPLING 1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
GND
MUTE INPUT
RSSI OUTPUT
MUTE AUDIO OUTPUT
UNMUTE AUDIO OUTPUT
QUADRATURE INPUT
IF AMP INPUT
IF AMP DECOUPLING
IF AMP OUTPUT
GND
LIMITER INPUT
LIMITER DECOUPLING
LIMITER DECOUPLING
LIMITER
VCC
SR00311
Figure 1. Pin Configuration
APPLICATIONS
Cellular radio FM IF
High performance communications receivers
Intermediate frequency amplification and detection up to 25MHz
RF level meter
Spectrum analyzer
Instrumentation
FSK and ASK data receivers
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline (SO) package (Surface-mount)
-40 to +85
°C
SA604AD
SOT109-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
9
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range SA604A
40 to +85
°C
θJA
Thermal impedance
D package
90
°C/W


Similar Part No. - SA604AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604AD PHILIPS-SA604AD Datasheet
140Kb / 13P
   High performance low power FM IF system
1997 Nov 07
More results

Similar Description - SA604AD01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE604A PHILIPS-NE604A Datasheet
127Kb / 10P
   High performance low power FM IF system
1994 Dec 15
SA604A PHILIPS-SA604A Datasheet
140Kb / 13P
   High performance low power FM IF system
1997 Nov 07
SA604A PHILIPS-SA604A_15 Datasheet
1Mb / 31P
   High-performance low-power FM IF system
Rev. 4.1-30 March 2015
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
   HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
   High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
   High performance low power mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615_15 Datasheet
533Kb / 26P
   High performance low power mixer FM IF system
Rev. 4-14 November 2014
SA605 NXP-SA605 Datasheet
531Kb / 25P
   High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
   High performance low power mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com