Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV164A8 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74LV164A8
Description  8-bit Parallel-out Serial-in Shift Register
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV164A8 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74LV164A8 Datasheet HTML 4Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 5Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 6Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 7Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 8Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 9Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 10Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 11Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HD74LV164A
8
Switching Characteristics (cont)
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Maximum
clock
fre
quency
fmax
80
155
65
MHz
C
L = 15 pF
50
120
45
C
L = 50 pF
Propa-
gation
delay time
t
PLH/tPHL
6.4
12.8
1.0
15.0
ns
C
L = 15 pF
CLK
Q
8.3
16.3
1.0
18.5
C
L = 50 pF
t
PHL
6.0
12.8
1.0
15.0
C
L = 15 pF
CLR
7.9
16.3
1.0
18.5
C
L = 50 pF
Setup time
t
su
5.0
6.0
ns
Data before CLK
2.5
2.5
CLR inactive before
CLK
Hold time
t
h
0.0
0.0
ns
Data after CLK
Pulse
width
t
w
5.0
5.0
ns
CLR L
5.0
5.0
CLK H or L


Similar Part No. - HD74LV164A8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161AFPEL RENESAS-HD74LV161AFPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ARPEL RENESAS-HD74LV161ARPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ATELL RENESAS-HD74LV161ATELL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results

Similar Description - HD74LV164A8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com