Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV165A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV165A
Description  Parallel-Load 8-bit Shift Register
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV165A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV165A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV165A Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HD74LV165A
7
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Maximum
clock
fre
quency
fmax
50
80
45
MHz
C
L = 15 pF
40
65
35
C
L = 50 pF
Propa-
gation
delay time
t
PLH/tPHL
13.1
21.5
1.0
23.5
ns
C
L = 15 pF
SH/
LD
Q
H or QH
16.1
25.1
1.0
28.0
C
L = 50 pF
12.2
19.8
1.0
22.0
C
L = 15 pF
CLK
15.3
23.3
1.0
26.0
C
L = 50 pF
12.9
21.7
1.0
24.0
C
L = 15 pF
H
15.9
25.3
1.0
28.0
C
L = 50 pF
Setup time
t
su
7.0
7.0
ns
CLK INH before CLK
11.5
12.0
data before SH/
LD
7.0
8.5
ns
SH/
LD high before CLK
8.5
9.5
SER before CLK
Hold time
t
h
0.0
0.5
ns
PAR data after SH/
LD
–1.0
0.0
SER data after CLK
0.0
0.0
SH/
LD high atfer CLK
Pulse
width
t
w
11.0
13.0
ns
SH/
LD low
8.5
9.0
CLK H or L


Similar Part No. - HD74LV165A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161AFPEL RENESAS-HD74LV161AFPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ARPEL RENESAS-HD74LV161ARPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ATELL RENESAS-HD74LV161ATELL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results

Similar Description - HD74LV165A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com